Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 55 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 55 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 51Page - Exar Corporation XRT86VL34 Datasheet HTML 52Page - Exar Corporation XRT86VL34 Datasheet HTML 53Page - Exar Corporation XRT86VL34 Datasheet HTML 54Page - Exar Corporation XRT86VL34 Datasheet HTML 55Page - Exar Corporation XRT86VL34 Datasheet HTML 56Page - Exar Corporation XRT86VL34 Datasheet HTML 57Page - Exar Corporation XRT86VL34 Datasheet HTML 58Page - Exar Corporation XRT86VL34 Datasheet HTML 59Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 156 page
background image
XRT86VL34
50
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
1-0
RxIMODE[1:0]
R/W
00
Receive Interface Mode Selection[1:0]
This bit determines the receive backplane interface speed. The exact func-
tion of these two bits depends on whether Receive Multiplexed mode is
enabled or disabled. Table 33 and Table 34 shows the functions of these two
bits for non-multiplexed and multiplexed modes.:
TABLE 32: RECEIVE INTERFACE CONTROL REGISTER (RICR)
HEX ADDRESS: 0XN122
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
TABLE 33: RECEIVE INTERFACE SPEED WHEN MULTIPLEXED MODE IS
DISABLED (TXMUXEN = 0)
RXIMODE[1:0]
RECEIVE INTERFACE SPEED
00
1.544Mbit/s Base Rate Mode
Receive backplane interface signals include:
RxSERCLK is an input or output clock at 1.544MHz
RxSYNC is an input or output signal which indicates the
receive singe frame boundary
RxSER is the base-rate data output
01
2.048Mbit/s High-Speed MVIP Mode:
Receive backplane interface signals include:
RxSERCLK is an input clock at 2.048MHz
RxSYNC is an input signal which indicates the receive
singe frame boundary
RxSER is the high-speed data output
10
4.096Mbit/s High-Speed Mode:
Receive backplane interface signals include:
RxSERCLK is an input clock at 4.096MHz
RxSYNC is an input signal which indicates the receive
singe frame boundary
RxSER is the high-speed data output
11
8.192Mbit/s High-Speed Mode:
Receive backplane interface signals include:
RxSERCLK is an input clock at 8.192MHz
RxSYNC is an input signal which indicates the receive
singe frame boundary
RxSER is the high-speed data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com