Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 29Page - Texas Instruments TMS320DM355 Datasheet HTML 30Page - Texas Instruments TMS320DM355 Datasheet HTML 31Page - Texas Instruments TMS320DM355 Datasheet HTML 32Page - Texas Instruments TMS320DM355 Datasheet HTML 33Page - Texas Instruments TMS320DM355 Datasheet HTML 34Page - Texas Instruments TMS320DM355 Datasheet HTML 35Page - Texas Instruments TMS320DM355 Datasheet HTML 36Page - Texas Instruments TMS320DM355 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 153 page
background image
www.ti.com
2.4.13 Real Time Output (RTO) Interface
2.4.14 Pulse Width Modulator (PWM) Interface
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
Table 2-18. Clocks Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
Output for video oscillator (27 MHz) Optional, use only if 27MHz derived from
MXI1 and PLL does not provide sufficient performance for Video DAC When the
MXO2
T1
O
VDD
MXO2 is not used and powered down, the MXO2 signal should be left as a No
Connect.
The provides Real Time Output (RTO) interface.
Table 2-19. RTO Terminal Functions
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
COUT5-
G2 /
Digital Video Out: VENC settings determine function GIO: GIO[079]
GIO079 /
C1
I/O/Z
VDD_VOUT
PWM2A
PWM2A /
RTO0
RTO0
COUT4-
B7 /
Digital Video Out: VENC settings determine function GIO: GIO[078]
GIO078 /
D3
I/O/Z
VDD_VOUT
PWM2B
PWM2B /
RTO1
RTO1
COUT3-
B6 /
Digital Video Out: VENC settings determine function GIO: GIO[077]
GIO077 /
E3
I/O/Z
VDD_VOUT
PWM2C
PWM2C /
RTO2
RTO2
COUT2-
B5 /
Digital Video Out: VENC settings determine function GIO: GIO[076]
GIO076 /
E4
I/O/Z
VDD_VOUT
PWM2D
PWM2D /
RTO3
RTO3
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3, Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
The provides Pulse Width Modulator (PWM) interface.
Table 2-20. PWM Terminal Functions
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
COUT7-
G4 /
Digital Video Out: VENC settings determine function GIO: GIO[081]
C2
I/O/Z
VDD_VOUT
GIO081 /
PWM0
PWM0
COUT6-
G3 /
Digital Video Out: VENC settings determine function GIO: GIO[080]
D2
I/O/Z
VDD_VOUT
GIO080 /
PWM1
PWM1
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3, Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
Submit Documentation Feedback
Device Overview
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com