Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 49Page - Texas Instruments TMS320DM355 Datasheet HTML 50Page - Texas Instruments TMS320DM355 Datasheet HTML 51Page - Texas Instruments TMS320DM355 Datasheet HTML 52Page - Texas Instruments TMS320DM355 Datasheet HTML 53Page - Texas Instruments TMS320DM355 Datasheet HTML 54Page - Texas Instruments TMS320DM355 Datasheet HTML 55Page - Texas Instruments TMS320DM355 Datasheet HTML 56Page - Texas Instruments TMS320DM355 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 153 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
Table 2-23. DM355 Pin Descriptions (continued)
Name
Pin
BGA
Type
Grou
Power
PU
Reset
Description(4)
Mux Control
#
ID
(1)
p
Supply(2)
PD(3
State
)
VSS
238
H2
GND
Digital ground
VSS
239
H6
GND
Digital ground
VSS
240
H11
GND
Digital ground
VSS
241
H14
GND
Digital ground
VSS
242
J2
GND
Digital ground
VSS
243
J6
GND
Digital ground
VSS
244
J10
GND
Digital ground
VSS
245
J14
GND
Digital ground
VSS
246
K3
GND
Digital ground
VSS
247
K9
GND
Digital ground
VSS
248
K10
GND
Digital ground
VSS
249
K14
GND
Digital ground
VSS
250
L2
GND
Digital ground
VSS
251
L9
GND
Digital ground
VSS
252
L10
GND
Digital ground
VSS
253
L14
GND
Digital ground
VSS
254
M6
GND
Digital ground
VSS
255
M7
GND
Digital ground
VSS
256
M8
GND
Digital ground
VSS
257
M14
GND
Digital ground
VSS
258
M17
GND
Digital ground
VSS
259
N1
GND
Digital ground
VSS
260
N8
GND
Digital ground
VSS
261
N9
GND
Digital ground
VSS
262
N14
GND
Digital ground
VSS
263
R2
GND
Digital ground
VSS
264
R6
GND
Digital ground
MX1GND
265
C10
GND
System oscillator (24 MHz) - ground
CVDD
266
L12
PWR
Core power (1.3 V)
CVDD
267
L11
PWR
Core power (1.3 V)
CVDD
268
M9
PWR
Core power (1.3 V)
CVDD
269
J12
PWR
Core power (1.3 V)
CVDD
270
K12
PWR
Core power (1.3 V)
CVDD
271
K11
PWR
Core power (1.3 V)
CVDD
272
P13
PWR
Core power (1.3 V)
CVDD
273
P14
PWR
Core power (1.3 V)
CVDD
274
H10
PWR
Core power (1.3 V)
CVDD
275
H17
PWR
Core power (1.3 V)
CVDD
276
H8
PWR
Core power (1.3 V)
CVDD
277
B19
PWR
Core power (1.3 V)
CVDD
278
A10
PWR
Core power (1.3 V)
CVDD
279
K6
PWR
Core power (1.3 V)
CVDD
280
G11
PWR
Core power (1.3 V)
CVDD
281
C4
PWR
Core power (1.3 V)
VDD
282
M10
PWR
Power for USB DRVVBUS IO (3.3 V)
VDD
283
M13
PWR
Power for Digital IO (3.3 V)
Submit Documentation Feedback
Device Overview
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com