Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 53Page - Texas Instruments TMS320DM355 Datasheet HTML 54Page - Texas Instruments TMS320DM355 Datasheet HTML 55Page - Texas Instruments TMS320DM355 Datasheet HTML 56Page - Texas Instruments TMS320DM355 Datasheet HTML 57Page - Texas Instruments TMS320DM355 Datasheet HTML 58Page - Texas Instruments TMS320DM355 Datasheet HTML 59Page - Texas Instruments TMS320DM355 Datasheet HTML 60Page - Texas Instruments TMS320DM355 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 153 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
Guide This document describes the asynchronous external memory interface (EMIF) in the
TMS320DM35x Digital Media System-on-Chip (DMSoC). The EMIF supports a glueless
interface to a variety of external devices.
SPRUED2
TMS320DM35x DMSoC Universal Serial Bus (USB) Controller Reference Guide This
document describes the universal serial bus (USB) controller in the TMS320DM35x Digital
Media System-on-Chip (DMSoC). The USB controller supports data throughput rates up to
480 Mbps. It provides a mechanism for data transfer between USB devices and also
supports host negotiation.
SPRUED3
TMS320DM35x DMSoC Audio Serial Port (ASP) Reference Guide This document
describes the operation of the audio serial port (ASP) audio interface in the TMS320DM35x
Digital Media System-on-Chip (DMSoC). The primary audio modes that are supported by the
ASP are the AC97 and IIS modes. In addition to the primary audio modes, the ASP supports
general serial port receive and transmit operation, but is not intended to be used as a
high-speed interface.
SPRUED4
TMS320DM35x DMSoC Serial Peripheral Interface (SPI) Reference Guide This document
describes the serial peripheral interface (SPI) in the TMS320DM35x Digital Media
System-on-Chip (DMSoC). The SPI is a high-speed synchronous serial input/output port that
allows a serial bit stream of programmed length (1 to 16 bits) to be shifted into and out of the
device at a programmed bit-transfer rate. The SPI is normally used for communication
between the DMSoC and external peripherals. Typical applications include an interface to
external I/O or peripheral expansion via devices such as shift registers, display drivers, SPI
EPROMs and analog-to-digital converters.
SPRUED9
TMS320DM35x
DMSoC
Universal
Asynchronous
Receiver/Transmitter
(UART)
Reference Guide This document describes the universal asynchronous receiver/transmitter
(UART) peripheral in the TMS320DM35x Digital Media System-on-Chip (DMSoC). The
UART peripheral performs serial-to-parallel conversion on data received from a peripheral
device, and parallel-to-serial conversion on data received from the CPU.
SPRUEE0
TMS320DM35x DMSoC Inter-Integrated Circuit (I2C) Peripheral Reference Guide This
document describes the inter-integrated circuit (I2C) peripheral in the TMS320DM35x Digital
Media System-on-Chip (DMSoC). The I2C peripheral provides an interface between the
DMSoC and other devices compliant with the I2C-bus specification and connected by way of
an I2C-bus. External components attached to this 2-wire serial bus can transmit and receive
up to 8-bit wide data to and from the DMSoC through the I2C peripheral. This document
assumes the reader is familiar with the I2C-bus specification.
SPRUEE2
TMS320DM35x DMSoC Multimedia Card (MMC)/Secure Digital (SD) Card Controller
Reference Guide This document describes the multimedia card (MMC)/secure digital (SD)
card controller in the TMS320DM35x Digital Media System-on-Chip (DMSoC). The MMC/SD
card is used in a number of applications to provide removable data storage. The MMC/SD
controller provides an interface to external MMC and SD cards. The communication between
the MMC/SD controller and MMC/SD card(s) is performed by the MMC/SD protocol.
SPRUEE4
TMS320DM35x DMSoC Enhanced Direct Memory Access (EDMA) Controller Reference
Guide This document describes the operation of the enhanced direct memory access
(EDMA3) controller in the TMS320DM35x Digital Media System-on-Chip (DMSoC). The
EDMA controller's primary purpose is to service user-programmed data transfers between
two memory-mapped slave endpoints on the DMSoC.
SPRUEE5
TMS320DM35x DMSoC 64-bit Timer Reference Guide This document describes the
operation of the software-programmable 64-bit timers in the TMS320DM35x Digital Media
System-on-Chip (DMSoC). Timer 0, Timer 1, and Timer 3 are used as general-purpose (GP)
timers and can be programmed in 64-bit mode, dual 32-bit unchained mode, or dual 32-bit
chained mode; Timer 2 is used only as a watchdog timer. The GP timer modes can be used
Submit Documentation Feedback
Device Overview
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com