Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 62Page - Texas Instruments TMS320DM355 Datasheet HTML 63Page - Texas Instruments TMS320DM355 Datasheet HTML 64Page - Texas Instruments TMS320DM355 Datasheet HTML 65Page - Texas Instruments TMS320DM355 Datasheet HTML 66Page - Texas Instruments TMS320DM355 Datasheet HTML 67Page - Texas Instruments TMS320DM355 Datasheet HTML 68Page - Texas Instruments TMS320DM355 Datasheet HTML 69Page - Texas Instruments TMS320DM355 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 153 page
background image
www.ti.com
ARMsubsystem
MPEG/JPEG
co-Processor
SYSCLK1
SYSCLK2
VPFE
VPBE
DAC
DDRPHY
DDR
PLLDIV1(/1)
BPDIV(/8)
PLL controller2
PLL controller1
PLLDIV3(/n)
PLLDIV2(/4)
PLLDIV1(/2)
SYSCLK3
I2C
Timers(x4)
PWMs(x4)
SPI(x3)
MMC/SD(x2)
EMIF/NAND
ASP (x2)
GPIO
UART2
ARMINTC
USB
60MHz
Reference
clock
(MXI/MXO)
(24MHzor
36MHz)
Referenceclock
(MXI/MXO)
24MHzor36Mhz
PCLK
AUXCLK(/1)
BPDIV(/3)
SYSCLK1
CLKOUT3
SYSCLKBP
CLKOUT2
EDMA
Buslogic
Syslogic
PSC
IcePick
EXTCLK
RTO
USBPhy
SYSCLKBP
AUXCLK
PLLDIV4(/4or/2)
VPSS
UART0,1
CLKOUT1
Sequencer
SYSCLK4
3.5.2
Supported Clocking Configurations for DM355 - 216
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
Figure 3-2. Device Clocking Block Diagram
This section describes the only supported device clocking configurations for DM355 - 216. The DM355
supports either 24 MHz (typical) or 36 MHz reference clock (crystal or external oscillator input).
Configurations are shown for both cases.
Detailed Device Description
66
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com