Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 48Page - Texas Instruments TMS320DM355 Datasheet HTML 49Page - Texas Instruments TMS320DM355 Datasheet HTML 50Page - Texas Instruments TMS320DM355 Datasheet HTML 51Page - Texas Instruments TMS320DM355 Datasheet HTML 52Page - Texas Instruments TMS320DM355 Datasheet HTML 53Page - Texas Instruments TMS320DM355 Datasheet HTML 54Page - Texas Instruments TMS320DM355 Datasheet HTML 55Page - Texas Instruments TMS320DM355 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 153 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
Table 2-23. DM355 Pin Descriptions (continued)
Name
Pin
BGA
Type
Grou
Power
PU
Reset
Description(4)
Mux Control
#
ID
(1)
p
Supply(2)
PD(3
State
)
ASP1_CLKS
211
D17
I
ASP5
VDD
in
ASP1: Master Clock
121
RESET
212
D11
I
VDD
PU
in
Global Chip Reset (active low)
MXI1
213
A9
I
Clock
VDD
in
Crystal input for system oscillator (24
s
MHz)
MXO1
214
B9
O
Clock
VDD
out
Output for system oscillator (24 MHz)
s
MXI2
215
R1
I
Clock
VDD
in
Crystal input for video oscillator (27
s
MHz). This crystal is not required
VDD
MXO2
216
T1
O
Clock
VDD
out
Output for video oscillator (27 MHz). This
s
crystal is not required.
VDD
TCK
217
E10
I
EMUL
VDD
PU
in
JTAG test clock input
ATIO
N
TDI
218
D9
I
EMUL
VDD
PU
in
JTAG test data input
ATIO
N
TDO
219
E9
O
EMUL
VDD
out L
JTAG test data output
ATIO
N
TMS
220
D8
I
EMUL
VDD
PU
in
JTAG test mode select
ATIO
N
TRST
221
C9
I
EMUL
VDD
PD
in
JTAG test logic reset (active low)
ATIO
N
RTCK
222
E11
O
EMUL
VDD
out L
JTAG test clock output
ATIO
N
EMU0
223
E8
I/O
EMUL
VDD
PU
in
JTAG emulation 0 I/O
ATIO
VDD
N
VDD
EMU1
224
E7
I/O
EMUL
VDD
PU
in
JTAG emulation 1 I/O
ATIO
EMU[1:0] = 00 - Force Debug Scan chain
N
(ARM and ARM ETB TAPs connected)
EMU[1:0] = 11 - Normal Scan chain
(ICEpick only)
VSS
225
A5
GND
Digital ground
VSS
226
A8
GND
Digital ground
VSS
227
A19
GND
Digital ground
VSS
228
B5
GND
Digital ground
VSS
229
B8
GND
Digital ground
VSS
230
B10
GND
Digital ground
VSS
231
D1
GND
Digital ground
MX2GND
232
P1
GND
Video oscillator (27 MHz) - ground
VSS
233
E2
GND
Digital ground
VSS
234
E15
GND
Digital ground
VSS
235
G2
GND
Digital ground
VSS
236
G9
GND
Digital ground
VSS
237
H1
GND
Digital ground
Device Overview
52
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com