Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 50Page - Texas Instruments TMS320DM355 Datasheet HTML 51Page - Texas Instruments TMS320DM355 Datasheet HTML 52Page - Texas Instruments TMS320DM355 Datasheet HTML 53Page - Texas Instruments TMS320DM355 Datasheet HTML 54Page - Texas Instruments TMS320DM355 Datasheet HTML 55Page - Texas Instruments TMS320DM355 Datasheet HTML 56Page - Texas Instruments TMS320DM355 Datasheet HTML 57Page - Texas Instruments TMS320DM355 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 153 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
Table 2-23. DM355 Pin Descriptions (continued)
Name
Pin
BGA
Type
Grou
Power
PU
Reset
Description(4)
Mux Control
#
ID
(1)
p
Supply(2)
PD(3
State
)
VDD
284
W19
PWR
Power for Digital IO (3.3 V)
VDD
285
R8
PWR
Power for Digital IO (3.3 V)
VDD
286
M11
PWR
Power for Digital IO (3.3 V)
VDD
287
K15
PWR
Power for Digital IO (3.3 V)
VDD
288
L13
PWR
Power for Digital IO (3.3 V)
VDD
289
J13
PWR
Power for Digital IO (3.3 V)
VDD
290
R7
PWR
Power for Digital Video Input IO (3.3 V)
VDD_SHV3
291
P8
PWR
Power for Digital Video Input IO (3.3 V)
VDDA1P2USB
292
K8
PWR
Power for Digital Video Output IO (3.3 V)
VDD_SHV
293
G8
PWR
Power for Digital Video Output IO (3.3 V)
VDD
294
G6
PWR
Power for Digital Video Output IO (3.3 V)
VSS_CCP2
295
K2
PWR
Power for MXI/O2 IO (3.3 V)
VDDS
296
T14
PWR
Power for DDR IO (1.8v)
VDDS
297
R12
PWR
Power for DDR IO (1.8v)
VSSA_DLL
298
R11
PWR
Power for DDR IO (1.8v)
VDDS
299
R9
PWR
Power for DDR IO (1.8v)
VSS
300
T5
PWR
Gnd
VDDA_PLL1
301
G12
PWR
Analog Power for PLL1 (1.3 V)
VDDA_PLL2
302
H9
PWR
Analog Power for PLL2 (1.3 V)
VSSA_PLL1
303
H12
GND
Analog Ground for PLL1
VSSA_PLL2
304
J9
GND
Analog Ground for PLL2
VDD
305
A1
PWR
Core power (1.3 V)
VDDS
306
P9
PWR
Core power (1.3 V)
VDDS
307
P10
PWR
Core power (1.3 V)
VDDS
308
P11
PWR
Core power (1.3 V)
VSS
309
U1
GND
Digital ground
VSS
310
U2
GND
Digital ground
VSS
311
U3
GND
Digital ground
VDDS
312
N6
PWR
Power for Digital IO (3.3 V)
VDD
313
T17
PWR
Power for Digital IO (3.3 V)
VDDSHV
314
N12
PWR
Power for Digital IO (3.3 V)
VDDSHV
315
N11
PWR
Power for Digital IO (3.3 V)
VDDSHV
316
M12
PWR
Power for Digital IO (3.3 V)
VDDSHV2
317
K8
PWR
Power for Digital IO
VDDSHV1
318
L6
PWR
Power for Digital IO
VDDSHV4
319
F6
PWR
Power for Digital IO
VDDSHV4
320
F7
PWR
Power for Digital IO
VDDSHV4
321
F8
PWR
Power for Digital IO
VDDSHV4
322
F9
PWR
Power for Digital IO
VDDSHV
323
F10
PWR
Power for Digital IO
VDDSHV
324
F11
PWR
Power for Digital IO
VDDSHV
325
F12
PWR
Power for Digital IO
VDDSHV
326
F13
PWR
Power for Digital IO
VDDSHV
327
F14
PWR
Power for Digital IO
VDDSHV
328
G14
PWR
Power for Digital IO
VSS
329
T5
GND
Digital ground
Device Overview
54
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com