Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 38Page - Texas Instruments TMS320DM355 Datasheet HTML 39Page - Texas Instruments TMS320DM355 Datasheet HTML 40Page - Texas Instruments TMS320DM355 Datasheet HTML 41Page - Texas Instruments TMS320DM355 Datasheet HTML 42Page - Texas Instruments TMS320DM355 Datasheet HTML 43Page - Texas Instruments TMS320DM355 Datasheet HTML 44Page - Texas Instruments TMS320DM355 Datasheet HTML 45Page - Texas Instruments TMS320DM355 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 153 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
Table 2-23. DM355 Pin Descriptions (continued)
Name
Pin
BGA
Type
Grou
Power
PU
Reset
Description(4)
Mux Control
#
ID
(1)
p
Supply(2)
PD(3
State
)
DDR_CLK
59
W8
I/O
DDR
VDD_DDR
out H
DDR Complementary Data Clock
DDR_RAS
60
T6
I/O
DDR
VDD_DDR
out H
DDR Row Address Strobe
DDR_CAS
61
V9
I/O
DDR
VDD_DDR
out H
DDR Column Address Strobe
DDR_WE
62
W10
I/O
DDR
VDD_DDR
out H
DDR Write Enable (active low)
DDR_CS
63
T8
I/O
DDR
VDD_DDR
out H
DDR Chip Select (active low)
DDR_CKE
64
V10
I/O
DDR
VDD_DDR
out L
DDR Clock Enable
DDR_DQM[1]
65
U15
I/O
DDR
VDD_DDR
out L
Data mask outputs: DQM0: For
DDR_DQ[7:0]
DDR_DQM[0]
66
T12
I/O
DDR
VDD_DDR
out L
Data mask outputs: DQM1: For
DDR_DQ[15:8]
DDR_DQS[1]
67
V15
I/O
DDR
VDD_DDR
in
Data strobe input/outputs for each byte of
the 16 bit data bus used to synchronize
the data transfers. Output to DDR when
writing and inputs when reading.
DQS1: For DDR_DQ[15:8]
DDR_DQS[0]
68
V12
I/O
DDR
VDD_DDR
in
Data strobe input/outputs for each byte of
the 16 bit data bus used to synchronize
the data transfers. Output to DDR when
writing and inputs when reading.
DQS0: For DDR_DQ[7:0]
DDR_BA[2]
69
V8
I/O
DDR
VDD_DDR
out L
Bank select outputs. Two are required for
1Gb DDR2 memories.
DDR_BA[1]
70
U7
I/O
DDR
VDD_DDR
out L
Bank select outputs. Two are required for
1Gb DDR2 memories.
DDR_BA[0]
71
U8
I/O
DDR
VDD_DDR
out L
Bank select outputs. Two are required for
1Gb DDR2 memories.
DDR_A13
72
U6
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 13
DDR_A12
73
V7
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 12
DDR_A11
74
W7
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 11
DDR_A10
75
V6
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 10
DDR_A09
76
W6
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 09
DDR_A08
77
W5
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 08
DDR_A07
78
V5
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 07
DDR_A06
79
U5
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 06
DDR_A05
80
W4
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 05
DDR_A04
81
V4
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 04
DDR_A03
82
W3
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 03
DDR_A02
83
W2
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 02
DDR_A01
84
V3
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 01
DDR_A00
85
V2
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 00
DDR_DQ15
86
W17
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 15
DDR_DQ14
87
V16
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 14
DDR_DQ13
88
W16
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 13
DDR_DQ12
89
U16
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 12
DDR_DQ11
90
W15
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 11
DDR_DQ10
91
W14
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 10
DDR_DQ09
92
V14
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 09
DDR_DQ08
93
U13
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 08
DDR_DQ07
94
W13
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 07
Device Overview
42
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com