Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 32Page - Texas Instruments TMS320DM355 Datasheet HTML 33Page - Texas Instruments TMS320DM355 Datasheet HTML 34Page - Texas Instruments TMS320DM355 Datasheet HTML 35Page - Texas Instruments TMS320DM355 Datasheet HTML 36Page - Texas Instruments TMS320DM355 Datasheet HTML 37Page - Texas Instruments TMS320DM355 Datasheet HTML 38Page - Texas Instruments TMS320DM355 Datasheet HTML 39Page - Texas Instruments TMS320DM355 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 153 page
background image
www.ti.com
2.5 Pin List
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
Table 2-23 provides a complete pin description list in pin number order.
Table 2-23. DM355 Pin Descriptions
Name
Pin
BGA
Type
Grou
Power
PU
Reset
Description(4)
Mux Control
#
ID
(1)
p
Supply(2)
PD(3
State
)
CIN7 / GIO101
1
N3
I/O
CCDC
VDD_VIN
PD
in
Standard CCD Analog Front End (AFE):
PINMUX0[1:0].CIN
/ SPI2_SCLK
/ GIO /
NOT USED
_7
SPI2
YCC 16-bit: time multiplexed between
chroma: CB/CR[07]
YCC 08-bit (which allows for 2
simultaneous decoder inputs), it is time
multiplexed between
luma and chroma of the upper channel.
Y/CB/CR[07]
SPI: SPI2 Clock
GIO: GIO[101]
CIN6 / GIO100
2
K5
I/O
CCDC
VDD_VIN
PD
in
Standard CCD Analog Front End (AFE):
PINMUX0[3:2].CIN
/ SPI2_SDO
/ GIO /
NOT USED
_6
SPI2
YCC 16-bit: time multiplexed between
chroma: CB/CR[06]
YCC 08-bit (which allows for 2
simultaneous decoder inputs), it is time
multiplexed between luma and chroma of
the upper channel. Y/CB/CR[06]
SPI: SPI2 Data Out
GIO: GIO[100]
CIN5 / GIO099
3
M3
I/O
CCDC
VDD_VIN
PD
in
Standard CCD Analog Front End (AFE):
PINMUX0[5:4].CIN
/
/ GIO /
raw[13]
_5
SPI2_SDENA[
SPI2
0]
YCC 16-bit: time multiplexed between
chroma: CB/CR[05]
YCC 08-bit (which allows for 2
simultaneous decoder inputs), it is time
multiplexed between luma and chroma of
the upper channel. Y/CB/CR[05]
SPI: SPI2 Chip Select
GIO: GIO[99]
CIN4 / GIO098
4
L4
I/O
CCDC
VDD_VIN
PD
in
Standard CCD Analog Front End (AFE):
PINMUX0[7:6].CIN
/ SPI2_SDI /
/ GIO /
raw[12]
_4
SPI2_SDENA[
SPI2 /
1]
SPI2
YCC 16-bit: time multiplexed between
chroma: CB/CR[04]
YCC 08-bit (which allows for 2
simultaneous decoder inputs), it is time
multiplexed between luma and chroma of
the upper channel. Y/CB/CR[04]
SPI: SPI2 Data In
GIO: GIO[098]
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3, Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
(4)
To reduce EMI and reflections, depending on the trace length, approximately 22
Ω to 50 Ω damping resistors are recommend on the
following outputs placed near the DM355: YOUT(0-7),COUT(0-7), HSYNC,VSYNC,LCD_OE,FIELD,EXTCLK,VCLK. The trace lengths
should be minimized.
Device Overview
36
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com