Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 47Page - Texas Instruments TMS320DM355 Datasheet HTML 48Page - Texas Instruments TMS320DM355 Datasheet HTML 49Page - Texas Instruments TMS320DM355 Datasheet HTML 50Page - Texas Instruments TMS320DM355 Datasheet HTML 51Page - Texas Instruments TMS320DM355 Datasheet HTML 52Page - Texas Instruments TMS320DM355 Datasheet HTML 53Page - Texas Instruments TMS320DM355 Datasheet HTML 54Page - Texas Instruments TMS320DM355 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 153 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
Table 2-23. DM355 Pin Descriptions (continued)
Name
Pin
BGA
Type
Grou
Power
PU
Reset
Description(4)
Mux Control
#
ID
(1)
p
Supply(2)
PD(3
State
)
VSS_USB
186
B7
GND USBP
VDD
Analog 3.3 V ground for USB PHY
HY
(Transceiver)
VDDA33_USB
187
C8
PWR USBP
VDD
Common mode 3.3 V power for USB
_PLL
HY
PHY (PLL)
VSS_USB
188
E6
GND USBP
VDD
Common mode 3.3 V ground for USB
HY
PHY (PLL)
VDDA1P2_US
189
H7
PWR USBP
VDD
Analog 1.2 V power for USB PHY
B
HY
VSS_USB
190
E6
GND USBP
VDD
Analog 1.2 V ground for USB PHY
HY
VDDD1P2_US
191
C6
PWR USBP
VDD
Digital 1.2 V power for USB PHY
B
HY
VSS_USB
192
D6
GND USBP
VDD
Digital 1.2 V ground for USB PHY
HY
MMCSD0_CL
193
A15
I/O
MMC
VDD
out L
MMCSD0: Clock
PINMUX4[2].MMC
K
SD0
SD0_MS
MMCSD0_CM
194
C14
I/O
MMC
VDD
in
MMCSD0: Command
PINMUX4[2].MMC
D
SD0
SD0_MS
MMCSD0_DA
195
A14
I/O
MMC
VDD
in
MMCSD0: DATA3
PINMUX4[2].MMC
TA3
SD0
SD0_MS
MMCSD0_DA
196
B13
I/O
MMC
VDD
in
MMCSD0: DATA2
PINMUX4[2].MMC
TA2
SD0
SD0_MS
MMCSD0_DA
197
D14
I/O
MMC
VDD
in
MMCSD0: DATA1
PINMUX4[2].MMC
TA1
SD0
SD0_MS
MMCSD0_DA
198
B14
I/O
MMC
VDD
in
MMCSD0: DATA0
PINMUX4[2].MMC
TA0
SD0
SD0_MS
UART0_RXD
199
U18
I
UART
VDD
in
UART0: Receive Data
0
Used for UART boot mode
UART0_TXD
200
T18
O
UART
VDD
out H
UART0: Transmit Data
0
Used for UART boot mode
SPI0_SDENA[
201
B12
I/O
SPI0 /
VDD
in
SPI0: Enable / Chip Select 0
PINMUX4[0].SPI0_
0] / GIO103
GIO
SDENA
GIO: GIO[103]
SPI0_SCLK
202
C12
I/O
SPI0
VDD
in
SPI0: Clock
SPI0_SDI /
203
A12
I/O
SPI0 /
VDD
in
SPI0: Data In
PINMUX4[1].SPI0_
GIO102
GIO
SDI
GIO: GIO[102]
SPI0_SDO
204
B11
I/O
SPI0
VDD
in
SPI0: Data Out
ASP1_DX
205
C18
I/O
ASP5
VDD
in
ASP1: Transmit Data
121
ASP1_CLKX
206
D19
I/O
ASP5
VDD
in
ASP1: Transmit Clock
121
ASP1_FSX
207
E16
I/O
ASP5
VDD
in
ASP1: Transmit Frame Sync
121
ASP1_DR
208
C19
I/O
ASP5
VDD
in
ASP1: Receive Data
121
ASP1_CLKR
209
D18
I/O
ASP5
VDD
in
ASP1: Receive Clock
121
ASP1_FSR
210
E17
I/O
ASP5
VDD
in
ASP1: Receive Frame Synch
121
Submit Documentation Feedback
Device Overview
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com