Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 13Page - Texas Instruments TMS320DM355 Datasheet HTML 14Page - Texas Instruments TMS320DM355 Datasheet HTML 15Page - Texas Instruments TMS320DM355 Datasheet HTML 16Page - Texas Instruments TMS320DM355 Datasheet HTML 17Page - Texas Instruments TMS320DM355 Datasheet HTML 18Page - Texas Instruments TMS320DM355 Datasheet HTML 19Page - Texas Instruments TMS320DM355 Datasheet HTML 20Page - Texas Instruments TMS320DM355 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 153 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
Table 2-7. Digital Video Terminal Functions
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION(4)
NAME
NO.
YOUT7-R7
C2
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function
YOUT6-R6
A4
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function
YOUT5-R5
B4
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function
YOUT4-R4
B3
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function
YOUT3-R3
B2
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function
YOUT2-G7
A3
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function
YOUT1-G6
A2
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function
YOUT0-G5
B1
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function
COUT7-
G4/GIO081
C2
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function GIO: GIO[081] PWM0
/PWM0
COUT6-G3
/GIO080
D2
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function GIO: GIO[080] PWM1
/PWM1
COUT5-G2
/ GIO079 /
C1
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function GIO: GIO[079] PWM2A RTO0
PWM2A /
RTO0
COUT4-B7 /
GIO078 /
D3
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function GIO: GIO[078] PWM2B RTO1
PWM2B /
RTO1
COUT3-B6 /
GIO077 /
E3
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function GIO: GIO[077] PWM2C RTO2
PWM2C /
RTO2
COUT2-B5 /
GIO076 /
E4
I/O/Z
VDD_VOUT
Digital Video Out: VENC settings determine function GIO: GIO[076] PWM2D RTO3
PWM2D /
RTO3
COUT1-B4 /
Digital Video Out: VENC settings determine function
GIO075 /
F3
I/O/Z
VDD_VOUT
GIO: GIO[075]
PWM3A
PWM3A
COUT0-B3 /
Digital Video Out: VENC settings determine function
GIO074 /
F4
I/O/Z
VDD_VOUT
GIO: GIO[074]
PWM3B
PWM3B
HSYNC /
PD
Video Encoder: Horizontal Sync
F5
I/O/Z
GIO073
VDD_VOUT
GIO: GIO[073]
VSYNC /
PD
Video Encoder: Vertical Sync
G5
I/O/Z
GIO072
VDD_VOUT
GIO: GIO[072]
FIELD /
Video Encoder: Field identifier for interlaced display formats
GIO070 /
GIO: GIO[070]
H4
I/O/Z
VDD_VOUT
R2 /
Digital Video Out: R2
PWM3C
PWM3C
Video Encoder: External clock input, used if clock rates > 27 MHz are needed, e.g.
EXTCLK /
74.25 MHz for HDTV digital output
GIO069 /
PD
G3
I/O/Z
GIO: GIO[069]
B2 /
VDD_VOUT
Digital Video Out: B2
PWM3D
PWM3D
VCLK /
Video Encoder: Video Output Clock
H3
I/O/Z
VDD_VOUT
GIO068
GIO: GIO[068]
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3, Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
(4)
To reduce EMI and reflections, depending on the trace length, approximately 22
Ω to 50 Ω damping resistors are recommend on the
following outputs placed near the DM355: YOUT(0-7),COUT(0-7), HSYNC,VSYNC,LCD_OE,FIELD,EXTCLK,VCLK. The trace lengths
should be minimized.
Submit Documentation Feedback
Device Overview
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com