| Electronic Components Datasheet Search |
|
TMS320DM355 Datasheet(PDF) 117 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM355 Datasheet(HTML) 117 Page - Texas Instruments |
|
117 / 153 page ![]() www.ti.com TMS320DM355 Digital Media System-on-Chip (DMSoC) SPRS463 – SEPTEMBER 2007 5.9.1.3.1 CFALD – CFA Multiply Mask / Lens Distortion Module This hardware module, CFALD, contains two functions: lens distortion correction and CFA multiply mask. The two functions share hardware components so only one can operate at a time. Lens geometric distortion, or barrel distortion, refers to the warping of image contents typically at the corners of a captured image. This is a common problem in digital photography, so being able to correct the distortion in hardware enhances the value and competitiveness of a digital camera DSP device. The CFA multiply mask function takes a down-sampled multiplication mask from external memory, and up-samples it to pixel resolution to scale the corresponding pixels of a CFA image. CFA multiply mask is useful for lens shading compensation and scene-dependent lighting adjustment. . • Lens distortion correction: – Correct barrel distortion – Radius-to-magnification-factor table to accommodate various distortion functions via programming – Configurable center point and horizontal/vertical adjustment – Separate lookup table for each color to correct chromatic aberration – Support CFA data format input/output for pre-image-pipe correction – Support up to 14-bit data input/output – Support up to 16383 x 16383 image dimension • CFA multiply mask: – Multiply mask in 8x8 down-sampled format – Support 8-bit mask (in U8Q5 format) – Support up to 14-bit image data input/output – Support up to 16383 x 16383 image dimension 5.9.1.3.2 Auto Exposure (AE) and Auto White Balance (AWB) Engine The following features are supported by the Auto Exposure (AE) and Auto White Balance (AWB) Engine. • Accumulate clipped pixels along with all non-saturated pixels. • Up to 36 horizontal windows. • Up to 128 vertical windows. • Programmable width and height for the windows. All windows in the frame will be of same size. • Separate vertical start coordinate and height for a black row of paxels that is different than the remaining color paxels. • Programmable Horizontal Sampling Points in a window. • Programmable Vertical Sampling Points in a window. Submit Documentation Feedback Peripheral Information and Electrical Specifications 117 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |