Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 22 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 18Page - Integrated Device Technology STAC9767 Datasheet HTML 19Page - Integrated Device Technology STAC9767 Datasheet HTML 20Page - Integrated Device Technology STAC9767 Datasheet HTML 21Page - Integrated Device Technology STAC9767 Datasheet HTML 22Page - Integrated Device Technology STAC9767 Datasheet HTML 23Page - Integrated Device Technology STAC9767 Datasheet HTML 24Page - Integrated Device Technology STAC9767 Datasheet HTML 25Page - Integrated Device Technology STAC9767 Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
22
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
The beginning of all audio sample packets, or Audio Frames, transferred over AC-link is synchro-
nized to the rising edge of the SYNC signal. SYNC is driven by the Controller. The Controller gener-
ates SYNC by dividing BIT_CLK by 256 and applying some conditioning to tailor its duty cycle. This
yields a 48 KHz SYNC signal whose period defines an audio frame. Data is transitioned on AC-link
on every rising edge of BIT_CLK, and subsequently sampled by the receiving device on the receiv-
ing side of AC-link on each immediately following falling edge of BIT_CLK.
4.3.
Controller to Multiple CODECs
Several vendor specific methods of supporting multiple CODEC configurations on AC-link have
been implemented or proposed, including CODECs with selective AC-link pass-through and control-
lers with duplicate AC-links.
Potential implementations include:
•
6-channel audio using 3 x 2-channel CODECs.
•
Separate CODECs for independent audio and modem AFE.
•
Docking stations, where one CODEC is in the laptop and another is in the dock.
This specification defines support for up to four CODECs on the AC-link. By definition there can be
one Primary CODEC (ID 00) and up to three Secondary CODECs (IDs 01,10, and 11). The CODEC
ID functions as a chip select. Secondary devices therefore have completely orthogonal register sets;
each is individually accessible and they do not share registers.
Multiple CODEC AC-link implementations must run off a common BIT_CLK. They can potentially
save Controller pins by sharing SYNC, SDATA_OUT, and RESET# from the AC‘97 Digital Control-
ler. Each device requires its own SDATA_IN pin back to the Controller. This prevents contention of
multiple devices on one serial input line.
Support for multiple CODEC operation necessitates a specially designed Controller. An AC‘97 Digi-
tal Controller that supports multiple CODEC configurations implements multiple SDATA_IN inputs,
supporting one Primary CODEC and up to three Secondary CODECs.
4.3.1.
Primary CODEC Addressing
Primary AC‘97 CODECs respond to register read and write commands directed to CODEC ID 00.
Primary devices must be configurable (by hardwiring, strap pin(s), or other methods) as CODEC ID
00, and reflect this in the two-bit CODEC ID field(s) of the Extended Audio and/or Extended Modem
ID Register(s).
The Primary CODEC may either drive the BIT_CLK signal or consume a BIT_CLK signal provided
by the digital controller or other clock generator.
4.3.2.
Secondary CODEC Addressing
Secondary AC‘97 CODECs respond to register read and write commands directed to CODEC IDs
01, 10, or 11. Secondary devices must be configurable (via hardwiring, strap pin(s), or other meth-
ods) as CODEC IDs 01, 10, or 11 in the two-bit field(s) of the Extended Audio and/or Extended
Modem ID Register(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com