Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 78 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 78 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 74Page - Integrated Device Technology STAC9767 Datasheet HTML 75Page - Integrated Device Technology STAC9767 Datasheet HTML 76Page - Integrated Device Technology STAC9767 Datasheet HTML 77Page - Integrated Device Technology STAC9767 Datasheet HTML 78Page - Integrated Device Technology STAC9767 Datasheet HTML 79Page - Integrated Device Technology STAC9767 Datasheet HTML 80Page - Integrated Device Technology STAC9767 Datasheet HTML 81Page - Integrated Device Technology STAC9767 Datasheet HTML 82Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
78
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8.4.11.
EAPD Access Register (74h)
Default: 0800h
Bit(s) Reset Value
Name
Description
15:8
0
RESERVED Reserved
7
0
INT_APOP
0 = Anti Pop Enabled
1 = Anti Pop Disabled
The STAC9766/9767 includes an internal power supply anti-pop circuit that
prevents audible clicks and pops from being heard when the CODEC is powered
on and off. This function is accomplished by delaying the charge/discharge of the
VREF capacitor (Pin 27). C VREF value of 1 µF will cause a turn-on delay of roughly
3 seconds, which will allow the power supplies to stabilize before the CODEC
outputs are enabled. The delay will be extended to 30 seconds if a CVREF value of
10
µF is used. The CODEC outputs are also kept stable for the same amount of
time at power-off to allow the system to be gracefully turned off. The INT_APOP bit
allows this delay circuit to be bypassed for rapid production testing. Any external
component anti-pop circuit is unaffected by the internal circuit.
6:0
0
RESERVED Reserved
D15
D14
D13
D12
D11
D10
D9
D8
EAPD
RESERVED
EAPD_OEN
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
INTDIS
GPIOACC
GPIOSLT12
Bit(s) Reset Value
Name
Description
15
0
EAPD
EAPD data Enable
EAPD data output on EAPD when bit D11 = 1
EAPD data input from pin when bit D11 = 0
14:12
0
RESERVED Bit not used, should read back 0
11
1
EAPD_OEN
EAPD Pin Enable
0 = EAPD configured as input pin
1 = EAPD configured as output pin
10:3
0
RESERVED Bit not used, should read back 0
2
0
INTDIS
Interrupt disable option.
Interrupts cleared by writing a 1 to I4 (Reg24h:D15)
0 = will clear both SENSE and GPIO interrupts
1 = will only clear SENSE interrupts. GPIO interrupts will have to be cleared in
Reg54h.
1
0
GPIOACC
GPIO ACCESS
0 = ACLINK access from GPIO Pads
1 = ACLINK access from GPIO Register 54h
0
0
GPIOSLT12
0 = GPIO0/1 access via Reg54h when GPIO is set as an output, for input Slot12
data will be 0h.
1 = GPIO0/1 access via Slot 12 when GPIO is set as an output, for inputs
Reg54h will not be updated.
This can only be used if a modem CODEC is not present in the system and using
Slot12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com