Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 46 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 46 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 42Page - Integrated Device Technology STAC9767 Datasheet HTML 43Page - Integrated Device Technology STAC9767 Datasheet HTML 44Page - Integrated Device Technology STAC9767 Datasheet HTML 45Page - Integrated Device Technology STAC9767 Datasheet HTML 46Page - Integrated Device Technology STAC9767 Datasheet HTML 47Page - Integrated Device Technology STAC9767 Datasheet HTML 48Page - Integrated Device Technology STAC9767 Datasheet HTML 49Page - Integrated Device Technology STAC9767 Datasheet HTML 50Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
46
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8. PROGRAMMING REGISTERS
Table 19. Programming Registers
Address
Name
Default
Location
00h
Reset
6A90h
8.1.1; page47
02h
Master Volume
8000h
8.1.2; page48
04h
HP_OUT Mixer Volume
8000h
8.1.3; page48
06h
Master Volume MONO
8000h
8.1.4; page49
0Ah
PC Beep Mixer Volume
0000h
8.1.5; page50
0Ch
Phone Mixer Volume
8008h
8.1.6; page50
0Eh
Mic Mixer Volume
8008h
8.1.7; page51
10h
Line In Mixer Volume
8808h
8.1.8; page51
12h
CD Mixer Volume
8808h
8.1.9; page52
14h
Video Mixer Volume
8808h
8.1.10; page53
16h
Aux Mixer Volume
8808h
8.1.11; page53
18h
PCM Out Mixer Volume
8808h
8.1.12; page54
1Ah
Record Select
0000h
8.1.13; page54
1Ch
Record Gain
8000h
8.1.14; page55
20h
General Purpose
0000h
8.1.15; page56
22h
3D Control
0000h
8.1.16; page56
24h
Audio Int. & Paging
0000h
8.1.17: page57
26h
Powerdown Ctrl/Stat
000Fh
8.1.18; page58
28h
Extended Audio ID
0A05h
8.1.19; page59
2Ah
Extended Audio Control/Status
0400h*
8.1.20; page60
2Ch
PCM DAC Rate
BB80h
8.1.22; page63
32h
PCM LR ADC Rate
BB80h
8.1.23; page63
3Ah
SPDIF Control
2000h
8.1.24; page64
3Eh
Extended Modem Stat/Ctrl
0100h
8.2.4; page66
4Ch
GPIO Pin Configuration
0003h
8.2.5; page66
4Eh
GPIO Pin Polarity/Type
FFFFh
8.2.6; page66
50h
GPIO Pin Sticky
0000h
8.2.7; page67
52h
GPIO Wake-up
0000h
8.2.8; page67
54h
GPIO Pin Status
0000h
8.2.9; page67
60h
CODEC Class/Rev
1201h
8.3; page68
62h (Page 01h) PCI SVID
FFFFh
8.4.2; page70
64h (Page 01h) PCI SSID
FFFFh
8.4.3; page70
66h (Page 01h) Function Select
0000h
8.4.4; page71
68h (Page 01h) Function Information
xxxxh
8.4.5; page72
6Ah
Digital Audio Control
0000h
8.4.6; page74
6Ah (Page01h) Sense Details
NA
8.4.7: page74
6Ch
Revision Code
xxxxh
8.4.7; page74
6Ch (Page01h) Reserved
0000h
NA
6Eh
Analog Special
1000h
8.4.9: page76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com