Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 2Page - Integrated Device Technology STAC9767 Datasheet HTML 3Page - Integrated Device Technology STAC9767 Datasheet HTML 4Page - Integrated Device Technology STAC9767 Datasheet HTML 5Page - Integrated Device Technology STAC9767 Datasheet HTML 6Page - Integrated Device Technology STAC9767 Datasheet HTML 7Page - Integrated Device Technology STAC9767 Datasheet HTML 8Page - Integrated Device Technology STAC9767 Datasheet HTML 9Page - Integrated Device Technology STAC9767 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
6
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
1. PRODUCT BRIEF
1.1.
Features (Revision CC1 and beyond)
•
High Performance
Σ∆ Technology
•
AC’97 Rev 2.3 Complaint
•
20-bit Full Duplex Stereo ADCs, DACs
•
Independent Sample Rates for ADCs & DACs
•
5-Wire AC-Link Protocol Compliance
•
20-bit SPDIF Output
•
Full Stereo Microphone Pre-Amp
•
Internal Jack Sensing on Headphone and Line_Out
•
Internal Microphone Input Sensing
•
Digital PC Beep Option
•
Extended AC’97 2.3 Paging Registers
•
Adjustable VREF Amplifier
•
Digital-ready Status
•
General Purpose I/Os
•
Crystal Elimination Circuit
•
Headphone Drive Capability (50 mW)
•
0dB, 10dB, 20dB, and 30dB Stereo or Mono M icrophone Boost Capability
•
+3.3V (STAC9767) and +5V (STAC9766) Analog Power Supply Options
•
Pin Compatible with the STAC9700, STAC9721, STAC9756
•
100% Pin Compatible with STAC9750 and STAC9752
•
IDT Surround (SS3D) Stereo Enhancement
•
Energy Saving Dynamic Power Modes
•
Multi-CODEC option (Intel AC'97 rev 2.3)
•
Six Analog Line-level Inputs
•
103dB SNR LINE-LINE
1.2.
Description
IDT's STAC9766/9767 (Revision CC1 and beyond) are general purpose 20-bit, full duplex, audio
CODECs conforming to the analog component specification of AC'97 (Audio CODEC 97 Component
Specification Rev. 2.3). The STAC9766/9767 incorporates IDT's proprietary
Σ∆ technology to
achieve a DAC SNR in excess of 103dB. The DACs, ADCs and mixer are integrated with analog
I/Os, which include four analog line-level stereo inputs, two analog line-level mono inputs, two stereo
outputs, and one mono output channel. The STAC9766/9767 includes digital output capability for
support of modern PC systems with an output that supports the SPDIF format. The STAC9766/9767
is a standard 2-channel stereo CODEC. With IDT’s headphone drive capability, headphones can be
driven without an external amplifier. The STAC9766/9767 may be used as a secondary CODEC,
with the STAC9700/21/44/56/08/84/50/66 as the primary, in a multiple CODEC configuration con-
forming to the AC'97 Rev. 2.3 specification. This configuration can provide the true six-channel,
AC-3 playback required for DVD applications. The STAC9766/9767 communicates via the five-wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com