Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 67 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 67 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 63Page - Integrated Device Technology STAC9767 Datasheet HTML 64Page - Integrated Device Technology STAC9767 Datasheet HTML 65Page - Integrated Device Technology STAC9767 Datasheet HTML 66Page - Integrated Device Technology STAC9767 Datasheet HTML 67Page - Integrated Device Technology STAC9767 Datasheet HTML 68Page - Integrated Device Technology STAC9767 Datasheet HTML 69Page - Integrated Device Technology STAC9767 Datasheet HTML 70Page - Integrated Device Technology STAC9767 Datasheet HTML 71Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
67
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8.2.7.
GPIO Pin Sticky Register (50h)
Default: 0000h
8.2.8.
GPIO Pin Mask Register (52h)
Default: 0000h
8.2.9.
GPIO Pin Status Register (54h)
Default: 0000h
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
GS1 (GPIO1) GS0 (GPIO0)
Bit(s)
Access
Reset Value
Name
Description
15:2
Read Only
0
RESERVED
Bit not used, should read back 0
1
Read / Write
0
GS1
0 = GPIO1 Non Sticky configuration.
1 = GPIO1 Sticky configuration.
0
Read / Write
0
GS0
0 = GPIO0 Non Sticky configuration.
1 = GPIO0 Sticky configuration.
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
GW1 (GPIO1) GW0 (GPIO0)
Bit(s)
Access
Reset Value
Name
Description
15:2
Read Only
0
RESERVED
Bit not used, should read back 0
1
Read / Write
0
GW1
0 = GPIO1 interrupt not passed to GPIO_INT slot 12.
1 = GPIO1 interrupt is passed to GPIO_INT slot 12.
0
Read / Write
0
GW0
0 = GPIO0 interrupt not passed to GPIO_INT slot 12.
1 = GPIO0 interrupt is passed to GPIO_INT slot 12.
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
GI1 (GPIO1)
GI0 (GPIO0)
Bit(s)
Access
Reset
Value
Name
Description
15:2
Read Only
0
RESERVED Bit not used, should read back 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com