Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 36 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 32Page - Integrated Device Technology STAC9767 Datasheet HTML 33Page - Integrated Device Technology STAC9767 Datasheet HTML 34Page - Integrated Device Technology STAC9767 Datasheet HTML 35Page - Integrated Device Technology STAC9767 Datasheet HTML 36Page - Integrated Device Technology STAC9767 Datasheet HTML 37Page - Integrated Device Technology STAC9767 Datasheet HTML 38Page - Integrated Device Technology STAC9767 Datasheet HTML 39Page - Integrated Device Technology STAC9767 Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
36
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
register index, for historical reference, for the data to be returned in slot 2. (Assuming that slots 1
and 2 had been tagged “valid” by the AC‘97 CODEC during slot 0.
The first bit (MSB) generated by AC‘97 is always stuffed with a 0. The following 7 bit positions com-
municate the associated control register address, the next 10 bits support AC‘97’s variable sample
rate signaling protocol, and the trailing 2 bit positions are stuffed with 0 by AC‘97.
5.4.2.2.
SLOTREQ signaling bits
AC-link input frame Slot 1, the Status Address Port, now delivers CODEC control register read
address and variable sample rate slot request flags for all output slots. Ten of the formerly reserved
least significant bits have been defined as data request flags for output slots 3-12.
The AC-link input frame Slot 1 tag bit is independent of the bit 11-2 slot request field, and ONLY indi-
cates valid Status Address Port data (Control Register Index). The CODEC should only set
SDATA_IN tag bits for Slot 1 (Address) and Slot 2 (Data) to 1 when returning valid data from a previ-
ous register read. They should otherwise be set to 0. SLOTREQ bits have validity independent of the
Slot 1 tag bit.
SLOTREQ bits are always 0 in the following cases
•
Fixed rate mode (VRA = 0)
•
Inactive (powered down) ADC channel
SLOTREQ bits are only set to 1 by the CODEC in the following case
•
Variable rate audio mode (VRA = 1) AND active (power ready) ADC AND a non-48 KHz ADC
sample rate and CODEC does not need a sample
5.4.3.
Slot 2: Status Data Port
The status data port delivers 16-bit control register read data.
If Slot 2 is tagged invalid by AC‘97, then the entire slot will be stuffed with 0 by AC‘97.
Table 9. Status Address Port Bit Assignments
Bit
Description
Comments
19
Reserved
Stuffed with 0
18:12
Control Register Index
Echo of register index for which data is being returned
11:2
SLOTREQ
See Next Section
1:0
Reserved
Stuffed with 0
Table 10. Status Data Port Bit Assignments
Bit
Description
Comments
19:4
Control Register Read Data
Stuffed with 0 if tagged “invalid”
3:0
Reserved
Stuffed with 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com