Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 74 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 74 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 70Page - Integrated Device Technology STAC9767 Datasheet HTML 71Page - Integrated Device Technology STAC9767 Datasheet HTML 72Page - Integrated Device Technology STAC9767 Datasheet HTML 73Page - Integrated Device Technology STAC9767 Datasheet HTML 74Page - Integrated Device Technology STAC9767 Datasheet HTML 75Page - Integrated Device Technology STAC9767 Datasheet HTML 76Page - Integrated Device Technology STAC9767 Datasheet HTML 77Page - Integrated Device Technology STAC9767 Datasheet HTML 78Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
74
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8.4.6.
Digital Audio Control (6Ah, Page 00h)
To access Register 6Ah, Page 00h must be selected in Register 24h.
Default: 0000h
8.4.7.
Sense Details (6Ah Page 01h)
Register 24h must be set to Page 01h to access this register.
Default: NA
Table 25. Gain or Attenuation Examples
G[4:0]
Gain or Attenuation (dB relative to level-out)
00000
0 dBV
00001
+1.5 dBV
01111
+24 dBV
10001
-1.5 dBV
11111
-24 dBV
Table 26. Register 68h/Page 01h Bit Overview
Bit
Bit R/W Overview
D5:D15
Read/Write and only reset on POR (Power on Reset) and not by RESET#.
D4
Read/Write and should NOT be set by the BIOS
D3:1
Reserved
D0
Read Only.
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
SPOR
DO1
RSVD
Bit(s) Reset Value
Name
Description
15:3
0
RESERVED Bits not used, should read back 0
2
0
SPOR
Over-ride Register 2Ah, D12 write-lock when SPDIF_EN = 1.
All bits except SPDIF sample-rate are affected (D13-D12). Allows for sub-code
changing on-the-fly.
1
0
DO1
SPDIF Digital Output Source Selection:
DO1 = 0; PCM data from the AC-Link to SPDIF
DO1 = 1; ADC record data to SPDIF
0
0
RESERVED Bits not used, should read back 0
D15
D14
D13
D12
D11
D10
D9
D8
ST2
ST1
ST0
S4
S3
S2
S1
S0
D7
D6
D5
D4
D3
D2
D1
D0
OR1
OR0
SR5
SR4
SR3
SR2
SR1
SR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com