Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 69 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 69 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 65Page - Integrated Device Technology STAC9767 Datasheet HTML 66Page - Integrated Device Technology STAC9767 Datasheet HTML 67Page - Integrated Device Technology STAC9767 Datasheet HTML 68Page - Integrated Device Technology STAC9767 Datasheet HTML 69Page - Integrated Device Technology STAC9767 Datasheet HTML 70Page - Integrated Device Technology STAC9767 Datasheet HTML 71Page - Integrated Device Technology STAC9767 Datasheet HTML 72Page - Integrated Device Technology STAC9767 Datasheet HTML 73Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
69
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8.4.
STAC9766/9767 Paging Registers
The AC’97 Specification Rev 2.3 uses a paging mechanism in order to increase the number of regis-
ters. The registers currently used in the paging are 60h to 6Eh. Additional information about the
Extended CODEC Registers, please refer to Section 8.3: page68.
One of two pages can be made active at any time, set in Register 24h. Register 24h is the Audio
Interrupt and Paging Register. Additional details about Register 24h is located in Section 8.1.17:
page57.
If page 00h is active, registers 60h to 6Eh are Vendor Specific.
If page 01h is active, registers 60h to 6Eh have the following functionality:
8.4.1.
CODEC Class/Rev (60h Page 01h)
Register 24h must be set to Page 01h to access this register.
Default: 12xxh
Reg
NAME
FUNCTION
Location
60h CODEC Class/Revision
Provides the CODEC Class and a Vendor specified revision
identifier.
8.4.1: page69
62h PCI SVID
Allows for population by the system BIOS to identify the PCI Sub
System Vendor ID.
8.4.2: page70
64h PCI SSID
Allows for population by the system BIOS to identify the PCI Sub
System ID.
Note:: page70
66h Function Select
Provides the type of audio function being selected and which jack
conductor the selected value is measured from.
Note:: page71
68h Function Information
Includes information about Gain, Inversion, Buffer delays,
Information Validity, and Function Information presence.
8.4.5: page72
6Ah Sense Register
Includes information about the connector/jack location, Input verses
Output sensing, the Order of the sense results, and the IDT specific
sense results.
8.4.7: page74
6Ch
Reserved
6Eh
Reserved
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
CL4
CL3
CL2
CL1
CL0
D7
D6
D5
D4
D3
D2
D1
D0
RV7
RV6
RV5
RV4
RV3
RV2
RV1
RV0
Bit(s)
Reset Value
Name
Description
15-13
RESERVED
Reserved - not defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com