Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 64 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 64 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 60Page - Integrated Device Technology STAC9767 Datasheet HTML 61Page - Integrated Device Technology STAC9767 Datasheet HTML 62Page - Integrated Device Technology STAC9767 Datasheet HTML 63Page - Integrated Device Technology STAC9767 Datasheet HTML 64Page - Integrated Device Technology STAC9767 Datasheet HTML 65Page - Integrated Device Technology STAC9767 Datasheet HTML 66Page - Integrated Device Technology STAC9767 Datasheet HTML 67Page - Integrated Device Technology STAC9767 Datasheet HTML 68Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
64
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8.1.24.
SPDIF Control (3Ah)
Default: 2000h
D15
D14
D13
D12
D11
D10
D9
D8
V
DRS
SPSR1
SPSR2
L
CC6
CC5
CC4
D7
D6
D5
D4
D3
D2
D1
D0
CC3
CC2
CC1
CC0
PRE
COPY
/AUDIO
PRO
Bit(s)
Reset Value
Access
Name
Description (note 1-2)
15 in 2.3
V
Validity: This bit affects the “Validity” flag, bit<28> transmitted in
each S/PDIF subframe, and enables the S/PDIF transmitter to
maintain connection during error or mute conditions. Subframe
bit<28> = 0 indicates that data is valid for conversion at the
receiver, 1 indicates invalid data (not suitable for conversion at
the receiver).
If “V” = 1, then each S/PDIF subframe (Left & Right) should have
bit<28> “Validity” flag = 1 or set based on the assertion or
de-assertion of the AC '97 “VFORCE” bit within the Extended
Audio Status and Control Register (D15, register 2Ah).
14
0
Read Only
DRS
1 = Double Rate SPDIF support (always = 0)
13:12
10
Read & Write SPSR[1,0]
SPDIF Sample Rate.
00 - 44.1 KHz Rate
01 - Reserved
10 - 48 KHz Rate (default)
11 - 32 KHz Rate
11
0
Read & Write
L
Generation Level is defined by the IEC standard, or as
appropriate.
10:4
0
Read & Write
CC[6, 0]
Category Code is defined by the IEC standard or as appropriate
by media.
3
0
Read & Write
PRE
0 = 0
µsec Pre-emphasis
1 = Pre-emphasis is 50/15
µsec
2
0
Read & Write
COPY
0 = Copyright not asserted
1 = Copyright is asserted
1
0
Read & Write
/AUDIO
0 = PCM data
1 = Non-Audio or non-PCM format
0
0
Read & Write
PRO
0 = Consumer use of the channel
1 = Professional use of the channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com