Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 6Page - Integrated Device Technology STAC9767 Datasheet HTML 7Page - Integrated Device Technology STAC9767 Datasheet HTML 8Page - Integrated Device Technology STAC9767 Datasheet HTML 9Page - Integrated Device Technology STAC9767 Datasheet HTML 10Page - Integrated Device Technology STAC9767 Datasheet HTML 11Page - Integrated Device Technology STAC9767 Datasheet HTML 12Page - Integrated Device Technology STAC9767 Datasheet HTML 13Page - Integrated Device Technology STAC9767 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
10
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
2.1.3.
Power Consumption
2.1.4.
AC-Link Static Digital Specifications
(Tambient = 25 ºC, DVdd = 3.3 V ± 5%, AVss = DVss = 0 V; 50 pF external load)
2.1.5.
STAC9766 Analog Performance Characteristics
(Tambient = 25 ºC, AVdd = 5.0 V ± 5%, DVdd = 3.3 V ± 5%, AVss = DVss = 0 V; 1 KHz input sine
wave; Sample Frequency = 48 KHz; 0dB = 1 Vrms, 10 K
Ω/ 50 pF load, Testbench Characterization
BW: 20 Hz – 20 KHz, 0dB settings on all gain stages)
Parameter
Min
Typ
Max
Unit
Digital Supply Current
+ 3.3V Digital
-
35
-
mA
Analog Supply Current
+ 5V Analog
-
80
-
mA
+ 3.3V Analog
-
70
-
mA
Power Down Status
PR0 Supply Current
-
TBD
-
mA
PR1 Supply Current
-
TBD
-
mA
PR2 Supply Current
-
TBD
-
mA
PR3 Supply Current
-
TBD
-
mA
PR4 Supply Current
-
TBD
-
mA
PR5 Supply Current
-
TBD
-
mA
PR6 Supply Current
-
TBD
-
mA
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltage Range
Vin
-0.30
-
DVdd + 0.30
V
Low level input range
Vil
-
-
0.35 x DVdd
V
High level input voltage
Vih
0.65 x DVdd
-
-
V
High level output voltage
Voh
0.90 x DVdd
-
-
V
Low level output voltage
Vol
-
-
0.1 x DVdd
V
Input Leakage Current (AC-Link inputs)
-
-10
-
10
µA
Output Leakage Current (AC-Link outputs - Hi-Z)
-
-10
-
10
µA
Output buffer drive current
-
-
4
-
mA
Parameter
Min
Typ
Max
Unit
Full Scale Input Voltage:
All Analog Inputs except Mic
-
1.0
-
Vrms
Mic Inputs (Note 1)
-
0.03
-
Vrms
Full Scale Output:
Line Output
-
1.0
-
Vrms
PCM (DAC) to LINE_OUT
1.0
Vrms
MONO_OUT
-
1.0
-
Vrms
HEADPHONE_OUT (32
Ω load) (peak)
-
50
-
mW
Analog S/N: (Note 2)
CD to LINE_OUT
-
103
-
dB
Other to LINE_OUT
-
103
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com