Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 73 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 73 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 69Page - Integrated Device Technology STAC9767 Datasheet HTML 70Page - Integrated Device Technology STAC9767 Datasheet HTML 71Page - Integrated Device Technology STAC9767 Datasheet HTML 72Page - Integrated Device Technology STAC9767 Datasheet HTML 73Page - Integrated Device Technology STAC9767 Datasheet HTML 74Page - Integrated Device Technology STAC9767 Datasheet HTML 75Page - Integrated Device Technology STAC9767 Datasheet HTML 76Page - Integrated Device Technology STAC9767 Datasheet HTML 77Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
73
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
9-5
DL4:DL0
Buffer delays: CODEC will provide a delay measurement for the input and output
channels. Software will use this value to accurately calculate audio stream
position with respect to what is been reproduced or recorded. These values are
in 20.83 microsecond (1/48000 second) units.
For output channels, this timing is from the end of AC Link frame in which the
sample is provided, until the time the analog signal appears at the output pin. For
input streams, this is from when the analog signal is presented at the pin until the
representative sample is provided on the AC Link.
Analog in and out paths are not considered as part of this delay.
The measurement is a 'typical' measurement, at a 48 KHz sample rate, with
minimal in-CODEC processing (i.e., 3D effects are turned off.)
00h - Information not provided
01h…1Eh - Buffer delay in 20.83
µs units
1Fh - reserved
These bits are read/write and are not reset on RESET#.
The default value is the delay internal to the CODEC. The BIOS may add to this
value the known delays external to the CODEC, such as for an external
amplifier.
4
1
IV
Information Valid Bit: Indicates whether a sensing method is provided by the
CODEC and if information field is valid. This field is updated by the CODEC.
0h--After CODEC RESET# de-assertion, it indicates the CODEC does NOT
provides sensing logic and this bit will be Read Only. After a sense cycle is
completed indicates that no information is provided on the sensing method.
1h--After CODEC RESET# de-assertion, it indicates the CODEC provides
sensing logic for this I/O and this bit is Read/Write. After clearing this bit by
writing 1, when a sense cycle is completed the assertion of this bit indicates
that there is valid information in the remaining descriptor bits. Writing “0” to
this bit has no effect.
BIOS should NOT write this bit, as it is reset on RESET#.
3-1
0
RESERVED Bit not used, should read back 0
0
NA
FIP
Function Information Present
This bit is set to a 1 indicates that the G[4:0], INV, DL[4:0](Register 68h, Page
01h) and ST[2:0](register 6Ah, Page 01h) are supported and R/W capable.
This bit is Read Only.
Table 24. Reg 68h Default Values
Reg 66h Function Code
Reg 68h Default Value
00h Line Out
0010h
01h Headphone Out
0010h
05h Mic1
0010h
06h Mic2
0010h
All other Function Codes
0000h
For RESET#: Reg 68h default value is 0000h.
Bit(s) Reset Value
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com