Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 7Page - Integrated Device Technology STAC9767 Datasheet HTML 8Page - Integrated Device Technology STAC9767 Datasheet HTML 9Page - Integrated Device Technology STAC9767 Datasheet HTML 10Page - Integrated Device Technology STAC9767 Datasheet HTML 11Page - Integrated Device Technology STAC9767 Datasheet HTML 12Page - Integrated Device Technology STAC9767 Datasheet HTML 13Page - Integrated Device Technology STAC9767 Datasheet HTML 14Page - Integrated Device Technology STAC9767 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
11
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
Note:
1.
With +30 dB Boost on, 1.0 Vrms with Boost off
2.
Ratio of Full Scale signal to idle channel noise output is measured “A weighted” over a 20 Hz to a 20 KHz bandwidth.
(AES17-1991 Idle Channel Noise or EIAJ CP-307 Signal-to-noise Ratio).
3.
± 1dB limits for Line Output & 0dB gain
4.
20 KHz BW, 48 KHz Sample Frequency
5.
± 0.25dB limits
6.
Stop Band rejection determines filter requirements. Out-of-Band rejection determines audible noise.
7.
The integrated Out-of-Band noise generated by the DAC process, during normal PCM audio playback, over a bandwidth
28.8 to 100 KHz, with respect to a 1 Vrms DAC output.
8.
For all inputs except PC BEEP.
2.1.6.
STAC9767 Analog Performance Characteristics
(Tambient =25ºC, AVdd=3.3V±5%, DVdd=3.3V±5%, AVss=DVss=0V; 1KHzinputsine
wave; Sample Frequency=48KHz; 0dB=1Vrms, 10K
Ω/ 50 pFload, TestbenchCharacterization
BW: 20Hz–20KHz, 0dB settings on all gain stages)
D/A to LINE_OUT
-
95
-
dB
LINE_IN to A/D with High pass filter enabled
-
85
-
dB
Analog Frequency Response (Note 3)
20
-
20,000
Hz
Total Harmonic Distortion: (Note 4)
CD to LINE_OUT
-
95
-
dB
Other to LINE_OUT
-
95
-
dB
D/A to LINE_OUT (full scale)
-
84
-
dB
LINE_IN to A/D with High pass filter enabled
84
-
-
dB
HEADPHONE_OUT
74
80
-
dB
A/D & D/A Digital Filter Pass Band (Note 5)
20
-
19,200
Hz
A/D & D/A Digital Filter Transition Band
19,200
-
28,800
Hz
A/D & D/A Digital Filter Stop Band
28,800
-
-
Hz
A/D & D/A Digital Filter Stop Band Rejection (Note 6)
100
-
-
dB
DAC Out-of-Band Rejection (Note 7)
55
-
-
dB
Group Delay (48 KHz sample rate)
-
1
ms
Any Analog Input to LINE_OUT Crosstalk (10 KHz Signal Frequency)
70
-
-
dB
Any Analog Input to LINE_OUT Crosstalk (1 KHz Signal Frequency)
-
100
-
dB
Spurious Tone Rejection
-
100
-
dB
Attenuation, Gain Step Size
-
1.5
-
dB
Input Impedance (Note 8)
-
50
-
K
Ω
Input Capacitance
-
15
-
pF
VREFout
-
0.5 x AVdd
-
V
Interchannel Gain Mismatch ADC
-
-
0.5
dB
Interchannel Gain Mismatch DAC
-
-
0.5
dB
Parameter
Min
Typ
Max
Unit
Full Scale Input Voltage:
All Analog Inputs except Mic
-
1.0
-
Vrms
Mic Inputs (Note 1)
-
0.03
-
Vrms
Full Scale Output:
Line Output
-
0.5
-
Vrms
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com