Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 28 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 24Page - Integrated Device Technology STAC9767 Datasheet HTML 25Page - Integrated Device Technology STAC9767 Datasheet HTML 26Page - Integrated Device Technology STAC9767 Datasheet HTML 27Page - Integrated Device Technology STAC9767 Datasheet HTML 28Page - Integrated Device Technology STAC9767 Datasheet HTML 29Page - Integrated Device Technology STAC9767 Datasheet HTML 30Page - Integrated Device Technology STAC9767 Datasheet HTML 31Page - Integrated Device Technology STAC9767 Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
28
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
5.2.
AC-link Serial Interface Protocol
The AC‘97 Controller signals synchronization of all AC-link data transactions. The AC‘97 CODEC,
Controller, or external clock source drives the serial bit clock (BIT_CLK) onto the AC-link, which the
AC‘97 Controller then qualifies with a synchronization signal to construct audio frames. SYNC, fixed
at 48 KHz, is derived by dividing down the serial bit clock (BIT_CLK). BIT_CLK, fixed at 12.288 MHz,
provides the necessary clocking granularity to support twelve 20-bit outgoing and incoming time
slots. AC-link serial data is transitioned on each rising edge of BIT_CLK. The receiver of AC-link
data (CODEC for outgoing data and Controller for incoming data) samples each serial bit on the fall-
ing edges of BIT_CLK.
The AC-link protocol provides for a special 16-bit time slot (Slot 0) wherein each bit conveys a valid
tag for its corresponding time slot within the current audio frame. A 1 in a given bit position of slot 0
indicates that the corresponding time slot within the current audio frame has been assigned to a data
stream, and contains valid data. If a slot is tagged invalid, it is the responsibility of the source of the
data, (AC‘97 CODEC for the input stream, AC‘97 Controller for the output stream), to stuff all bit
positions with 0 during that slot’s active time.
SYNC remains high for a total duration of 16 BIT_CLKs at the beginning of each audio frame. The
portion of the audio frame where SYNC is high is defined as the “Tag Phase”. The remainder of the
audio frame where SYNC is low is defined as the “Data Phase”.
Additionally, for power savings, BIT_CLK, SYNC, and all data signals can be halted. This requires
that an AC‘97 CODEC be implemented as a static design to allow its register contents to remain
intact when entering a power savings mode.
5.2.1.
AC-link Variable Sample Rate Operation
The AC-link serial interconnect defines a digital data and control pipe between the Controller and the
CODEC. The AC-link supports twelve 20-bit slots at 48 KHz on SDATA_IN and SDATA_OUT. The
time division multiplexed (TDM) “slot-based” architecture supports a per-slot valid tag infrastructure
that the source of each slot’s data sets or clears to indicate the validity of the slot data within the cur-
rent audio frame. This tag infrastructure can be used to support transfers between Controller and
CODEC at any sample rate.
Table 5. The AC-link input slots (transmitted from the CODEC)
Slot
Name
Description
0
SDATA_IN TAG
MSBs indicate which slots contain valid data
1
STATUS ADDR read port
MSBs echo register address; LSBs indicate which slots request data
2
STATUS DATA read port
16-bit command register read data
3, 4
PCM L&R ADC record
20-bit PCM data from Left and Right inputs
5
Modem Line 1 ADC
16-bit modem data from modem Line1 input
6-11
PCM ADC Record
20-bit PCM data - Alternative Slots for Input
12
GPIO Status
GPIO read port and interrupt status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com