Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 33 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 29Page - Integrated Device Technology STAC9767 Datasheet HTML 30Page - Integrated Device Technology STAC9767 Datasheet HTML 31Page - Integrated Device Technology STAC9767 Datasheet HTML 32Page - Integrated Device Technology STAC9767 Datasheet HTML 33Page - Integrated Device Technology STAC9767 Datasheet HTML 34Page - Integrated Device Technology STAC9767 Datasheet HTML 35Page - Integrated Device Technology STAC9767 Datasheet HTML 36Page - Integrated Device Technology STAC9767 Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
33
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
The control interface architecture supports up to 64 16-bit read/write registers, addressable on even
byte boundaries. Only the even registers (00h, 02h, etc.) are currently defined, odd registers (01h,
03h, etc.) are reserved for future expansion.
Note that shadowing of the control register file on the AC‘97 Controller is an option left open to the
implementation of the AC‘97 Controller. The AC‘97 CODEC’s control register file is nonetheless
required to be readable as well as writeable to provide more robust testability.
AC-link output frame slot 1 communicates control register address, and write/read command infor-
mation to the STAC9766/9767.
The first bit (MSB) sampled by AC‘97 indicates whether the current control transaction is a read or a
write operation. The following 7 bit positions communicate the targeted control register address. The
trailing 12 bit positions within the slot are reserved and must be stuffed with 0s by the AC‘97 Control-
ler.
5.3.3.
Slot 2: Command Data Port
The command data port is used to deliver 16-bit control register write data in the event that the cur-
rent command port operation is a write cycle. (as indicated by Slot 1, bit 19)
• Bit(19:4)
Control Register Write Data
(Stuffed with 0 if current operation is a read)
• Bit(3:0)
Reserved
(Stuffed with 0)
If the current command port operation is a read, then the entire slot time must be stuffed with 0 by
the AC‘97 Controller.
5.3.4.
Slot 3: PCM Playback Left Channel
AC-link output frame slot 3 is the composite digital audio left playback stream. In a typical “Games
Compatible” PC this slot is composed of standard PCM (.wav) output samples digitally mixed (on the
AC‘97 Controller or host processor) with music synthesis output samples. If a sample stream of res-
olution less than 20-bits is transferred, the AC‘97 Controller must stuff all trailing non-valid bit posi-
tions within this time slot with 0.
The DAC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
5.3.5.
Slot 4: PCM Playback Right Channel
AC-link output frame slot 4 is the composite digital audio right playback stream. In a typical “Games
Compatible” PC this slot is composed of standard PCM (.wav) output samples digitally mixed (on the
AC‘97 Controller or host processor) with music synthesis output samples. If a sample stream of res-
Table 8. Command Address Port Bit Assignments
Bit
Description
Comments
19
Read/Write command
1 = read, 0 = write
18:12
Control Register Index
Sixty-four 16-bit locations, addressed on even byte boundaries
11:0
Reserved
Stuffed with 0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com