Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 59 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 59 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 55Page - Integrated Device Technology STAC9767 Datasheet HTML 56Page - Integrated Device Technology STAC9767 Datasheet HTML 57Page - Integrated Device Technology STAC9767 Datasheet HTML 58Page - Integrated Device Technology STAC9767 Datasheet HTML 59Page - Integrated Device Technology STAC9767 Datasheet HTML 60Page - Integrated Device Technology STAC9767 Datasheet HTML 61Page - Integrated Device Technology STAC9767 Datasheet HTML 62Page - Integrated Device Technology STAC9767 Datasheet HTML 63Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
59
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8.1.18.1.
Ready Status
The lower half of this register is read only status, a 1 indicating that each subsection is “ready”.
Ready is defined as the subsection's ability to perform in its nominal state. When this register is writ-
ten, the bit values that come in on AC-Link will have no effect on read only bits 0-7.
When the AC-Link “CODEC Ready” indicator bit (SDATA_IN slot 0, bit 15) is a 1, it indicates that the
AC-Link and AC'97 control and status registers are in a fully operational state. The AC'97 controller
must further probe this Powerdown Control/Status Register to determine exactly which subsections,
if any, are ready. When this register is written, the bit values that come in on AC-Link will have no
effect on read only bits 0-7.
8.1.18.2.
Powerdown Controls
The STAC9766/9767 is capable of operating at reduced power when no activity is required. The
power-down state is controlled by the Powerdown Register (26h). See the section “Low Power
Modes” for more information.
8.1.18.3.
External Amplifier Power Down Control Output
The EAPD bit 15 of the Powerdown Control/Status Register (Index 26h) directly controls the output
of the EAPD output, pin 45, and produces a logical 1 when this bit is set to logic high. This function is
used to control an external audio amplifier power down. EAPD = 0 places approximately 0 V on the
output pin, enabling an external audio amplifier. EAPD = 1 places approximately DVdd on the output
pin, disabling the external audio amplifier. Audio amplifiers that operate with reverse polarity will
likely require an external inverter to maintain software driver compatibility.
EAPD can also act as a GPIO. See Section 8.4.11: page78. The GPIO controls in Section 8.2:
page65 have no effect on EAPD.
8.1.19.
Extended Audio ID (28h)
Default: 0A05h
The Extended Audio ID register is a read only register except for bits D4 and D5. ID1 and ID0 echo
the configuration of the CODEC as defined by the programming of pins 45 and 46 externally. The
primary CODEC returns 00, while any other code (01, 10, 11) identifies the CODEC as one of three
secondary CODEC possibilities. The AMAP bit, D9, will return a 1 indicating that the CODEC sup-
1
1
DAC
Read Only ---- DAC Status
1 = DAC ready to playback
0
1
ADC
Read Only ---- ADC Status
1 = ADC ready to record
D15
D14
D13
D12
D11
D10
D9
D8
ID1
ID0
RESERVED
AMAP
RSVD
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
DSA1
DSA0
RESVD
SPDIF
RSVD
VRA
Bit(s)
Reset Value
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com