Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 96 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 96 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 89Page - Integrated Device Technology STAC9767 Datasheet HTML 90Page - Integrated Device Technology STAC9767 Datasheet HTML 91Page - Integrated Device Technology STAC9767 Datasheet HTML 92Page - Integrated Device Technology STAC9767 Datasheet HTML 93Page - Integrated Device Technology STAC9767 Datasheet HTML 94Page - Integrated Device Technology STAC9767 Datasheet HTML 95Page - Integrated Device Technology STAC9767 Datasheet HTML 96Page - Integrated Device Technology STAC9767 Datasheet HTML 97Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 96 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
96
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
17.REVISION HISTORY
Revision
Date
Description of Change
7.1
History not included in Datasheet
7.2
October 2003
Removed BIT_CLK as an input option from clocking table, it was incorrectly included in 3-1 version
Added CD_GND elaboration note on connection diagram, pin list and pin out diagrams:
“The CD_GND signal is an AC signal return for the two CD input channels. It is normally biased
at about 2.5V. The name of the pin in the AC’97 specification is CD_GND, and this has confused
many designers. It should not have any DC path to GND. Connecting the CD_GND signal
directly to ground will change the internal bias of the entire CODEC, and cause significant
distortion. If there is no analog CD input, then this pin can be No-Connect.”
7.3
03 November 2006
Released in IDT format.
7.4
Dec 2006
corrected orderable part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com