Electronic Components Datasheet Search
  English  ▼

X  

STAC9767 Datasheet(PDF) 27 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 23Page - Integrated Device Technology STAC9767 Datasheet HTML 24Page - Integrated Device Technology STAC9767 Datasheet HTML 25Page - Integrated Device Technology STAC9767 Datasheet HTML 26Page - Integrated Device Technology STAC9767 Datasheet HTML 27Page - Integrated Device Technology STAC9767 Datasheet HTML 28Page - Integrated Device Technology STAC9767 Datasheet HTML 29Page - Integrated Device Technology STAC9767 Datasheet HTML 30Page - Integrated Device Technology STAC9767 Datasheet HTML 31Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
27
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
5. AC-LINK DIGITAL INTERFACE
5.1.
Overview
AC-link is the 5 pin digital serial interface that links AC‘97 CODEC to Controller. The AC-link protocol
is a bi-directional, fixed clock rate, serial digital stream. AC-link handles multiple input and output
PCM audio streams, as well as control register accesses, employing a time division multiplexed
(TDM) scheme that divides each audio frame into 12 outgoing and 12 incoming data streams, each
with 20-bit sample resolution.
The STAC9766/9767 DACs, ADCs and SPDIF can be assigned to slots 3&4, 6&9, 7&8 or 10&11.
Figure 14. Bi-directional AC-link Frame with Slot Assignments
Table 4. AC-link Output Slots (Transmitted from the Controller)
Slot
Name
Description
0
SDATA_OUT TAG
MSBs indicate which slots contain valid data; LSBs convey
CODEC ID
1
Control CMD ADDR write port
Read/write command bit plus 7-bit CODEC register address
2
Control DATA write port
16-bit command register write data
3, 4
PCM L&R DAC playback
20-bit PCM data for Left and Right channels
5
Modem Line 1 DAC
16-bit modem data for modem Line 1 output
6, 7, 8, 9 PCM Center, Surround L&R, LFE 20-bit PCM data for Center, Surround L&R, LFE channels
10
Modem Line 2 DAC
16-bit modem data for modem Line 2 output
11
Modem handset DAC
16-bit modem data for modem Handset output
12
Modem IO control
GPIO write port for modem Control
12
CODEC IRQ
Can be used by CODEC if a modem CODEC is not present.
10-11
SPDIF Out
Optional AC-link bandwidth for SPDIF output
10-12
Double rate audio
Optional AC-link bandwidth for 88.26KHz or 96KHz on L, C, R
channels
PCM
MIC
Vendor
RSVD
Vendor
RSVD
LINE2
ADC
HSET
ADC
Vendor
RSVD
STATUS
ADDR
OUTGOING STREAMS
(Controller output - SDATA_OUT)
INCOMING STREAMS
(codec output - SDATA_IN)
SYNC
TAG PHASE
DATA PHASE
PCM
LEFT
CMD
ADDR
NA
PCM
LSURR
PCM
LFE
SPDIF
TAG
CMD
DATA
PCM
RT
PCM
CTR
PCM
RSURR
SPDIF
IO
CTRL
PCM
LEFT
LINE1
ADC
TAG
STATUS
DATA
PCM
RT
IO
STATUS
SLOTS
0
1
2
3
4
5
6
7
8
9
10
11
12
Slot 12 can be used by the
AC'97 Codec if a Modem
Codec is not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com