Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 35Page - PMC-Sierra, Inc PM5351 Datasheet HTML 36Page - PMC-Sierra, Inc PM5351 Datasheet HTML 37Page - PMC-Sierra, Inc PM5351 Datasheet HTML 38Page - PMC-Sierra, Inc PM5351 Datasheet HTML 39Page - PMC-Sierra, Inc PM5351 Datasheet HTML 40Page - PMC-Sierra, Inc PM5351 Datasheet HTML 41Page - PMC-Sierra, Inc PM5351 Datasheet HTML 42Page - PMC-Sierra, Inc PM5351 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
19
9
PIN DESCRIPTION
9.1
Line Side Interface Signals
Pin Name
Type
Pin
No.
Function
REFCLK
Input
AC5
The reference clock input (REFCLK) must provide a
jitter-free 19.44 MHz reference clock. It is used as
the reference clock by both clock recovery and
clock synthesis circuits.
When the WAN Synchronization controller is used,
REFCLK is supplied using a VCXO. In this
application, the transmit direction can be looped
timed to any of the line receivers in order to meet
wander transfer and holdover requirements.
This pin is shared by all channels.
RXD1+
RXD1-
RXD2+
RXD2-
RXD3+
RXD3-
RXD4+
RXD4-
Differential
PECL
inputs
E2
D1
G1
G2
W1
V2
AA1
Y2
The receive differential data inputs (RXD+, RXD-)
contain the NRZ bit serial receive stream. The
receive clock is recovered from the RXD+/- bit
stream. Please refer to the Operation section for a
discussion of PECL interfacing issues and for the
PECL voltage level selection through PECLV for 5V
ODL interface.
This pin is available independently for each
channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com