Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 37Page - PMC-Sierra, Inc PM5351 Datasheet HTML 38Page - PMC-Sierra, Inc PM5351 Datasheet HTML 39Page - PMC-Sierra, Inc PM5351 Datasheet HTML 40Page - PMC-Sierra, Inc PM5351 Datasheet HTML 41Page - PMC-Sierra, Inc PM5351 Datasheet HTML 42Page - PMC-Sierra, Inc PM5351 Datasheet HTML 43Page - PMC-Sierra, Inc PM5351 Datasheet HTML 44Page - PMC-Sierra, Inc PM5351 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
21
Pin Name
Type
Pin
No.
Function
RALRM1
RALRM2
RALRM3
RALRM4
Output
AA14
AC15
Y14
AB15
The Receive Alarm (RALRM) output indicates the
state of the receive framing. RALRM is low if no
receive alarms are active. RALRM is high if line AIS
(LAIS), path AIS (PAIS), line RDI (LRDI), path RDI
(PRDI), enhanced path RDI (PERDI), loss of signal
(LOS), loss of frame (LOF), out of frame (OOF),
loss of pointer (LOP), loss of cell delineation (LCD),
signal fail BER (SFBER), signal degrade BER
(SDBER), path trace identification mismatch (TIM),
path signal label mismatch (PSLM) is detected in
the associated channel. Each alarm can be
individually enabled using bits in the S/UNI-TETRA
Channel Alarm Control registers #1 and #2.
RALRM is updated on the rising edge of RCLK.
This pin is available independently for each
channel.
TXD1+
TXD1-
TXD2+
TXD2-
TXD3+
TXD3-
TXD4+
TXD4-
Differential
TTL output
(externally
converted
to PECL)
C1
D2
E1
F2
T2
U1
W2
Y1
The transmit differential data outputs (TXD+, TXD-)
contain the 155.52 Mbit/s transmit stream.
This pin is available independently for each
channel.
TXC1+
TXC1-
TXC2+
TXC2-
TXC3+
TXC3-
TXC4+
TXC4-
Differential
TTL output
(externally
converted
to PECL)
D3
E4
G3
H4
R2
R3
U4
V3
The transmit differential clock outputs (TXC+, TXC-)
contain the 155.52 Mbit/s transmit clock.
TXC+/- must be enabled by setting the TXC_OE
register bit to logic one. Enabling the transmit line
clocks significantly increases the device power
consumption and will likely require airflow. Most
optic modules don’t require TXC+/-.
TXD+/- is updated on the falling edge of TXC+/-.
This pin is available independently for each
channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com