Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 85Page - PMC-Sierra, Inc PM5351 Datasheet HTML 86Page - PMC-Sierra, Inc PM5351 Datasheet HTML 87Page - PMC-Sierra, Inc PM5351 Datasheet HTML 88Page - PMC-Sierra, Inc PM5351 Datasheet HTML 89Page - PMC-Sierra, Inc PM5351 Datasheet HTML 90Page - PMC-Sierra, Inc PM5351 Datasheet HTML 91Page - PMC-Sierra, Inc PM5351 Datasheet HTML 92Page - PMC-Sierra, Inc PM5351 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
69
'Detection Mode' state or HCS bit errors detected but not corrected while the
state machine is in the 'Correction Mode' state. The 19-bit receive cell counter
counts all cells written into the receive FIFO. Filtered cells are not counted.
Each counter may be read through the microprocessor interface. Circuitry is
provided to latch these counters so that their values can be read while
simultaneously resetting the internal counters to 0 or 1, if appropriate, so that a
new period of accumulation can begin without loss of any events. It is intended
that the counter be polled at least once per second so as not to miss HCS error
events.
10.7 Receive POS Frame Processor (RXFP)
The Receive POS Frame Processor (RXFP) performs packet extraction, provides
FCS error correction, performs packet payload de-scrambling, and provides
performance monitoring functions. The RXFP also provides a 256 byte deep
receive FIFO. This FIFO is used to separate the STS-3c (STM-1) line timing
from the link layer system timing, and to handle timing differences caused by the
removal of escape characters.
10.7.1 Overhead Removal
The overhead removal consist of striping SONET/SDH overhead bytes from the
data stream. Once overhead bytes are removed, the data stream consists of
POS frame octets which can be fed directly to the descrambler or the POS
Frame Delineation block.
10.7.2 Descrambler
When enabled, the self-synchronous descrambler operates on the POS Frame
data, de-scrambling the data with the polynomial x43 + 1. De-scrambling is
performed on the raw data stream, before any POS frame delineation or byte
destuffing is performed. Data scrambling can provide for a more robust system
preventing the injection of hostile patterns into the data stream.
10.7.3 POS Frame Delineation
This block accepts data one byte at a time and arranges it as POS framed octets.
Frame boundaries are found by searching for the Flag Character (0x7E). Flags
are also used to fill inter-packet spacing. This block removes the Flag Sequence
and passes the data onto the Byte Destuffing block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com