Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 9 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 9 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 5Page - PMC-Sierra, Inc PM5351 Datasheet HTML 6Page - PMC-Sierra, Inc PM5351 Datasheet HTML 7Page - PMC-Sierra, Inc PM5351 Datasheet HTML 8Page - PMC-Sierra, Inc PM5351 Datasheet HTML 9Page - PMC-Sierra, Inc PM5351 Datasheet HTML 10Page - PMC-Sierra, Inc PM5351 Datasheet HTML 11Page - PMC-Sierra, Inc PM5351 Datasheet HTML 12Page - PMC-Sierra, Inc PM5351 Datasheet HTML 13Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
v
13.3
PACKET OVER SONET/SDH DATA STRUCTURE ......................................358
13.4
BIT ERROR RATE MONITOR.....................................................................358
13.5
CLOCKING OPTIONS ...............................................................................359
13.6
LOOPBACK OPERATION ..........................................................................361
13.7
JTAG SUPPORT........................................................................................369
13.7.1
TAP CONTROLLE R.................................................................370
13.7.1.1
STATES ......................................................................372
13.7.1.2
INSTRUCTIONS ..........................................................373
13.8
BOARD DESIGN RECOMMENDATIONS ....................................................374
13.9
ANALOG POWER SUPPLY FILTERING......................................................375
13.10
POWER SUPPLIES SEQUENCING............................................................380
13.11
INTERFACING TO ECL OR PECL DEVICES...............................................382
13.12
CLOCK RECOVERY LOOP FILTER ...........................................................385
13.13
SETTING THE S/UNI-TETRA IN ATM MODE ..............................................385
13.14
SETTING THE S/UNI-TETRA IN POS MODE ..............................................386
13.15
SETTING THE S/UNI-TETRA FOR SONET OR SDH APPLICATIONS ..........387
13.16
USING THE S/UNI-TETRA WITH A 5 VOLT ODL.........................................387
14
FUNCTIONAL TIMING ...........................................................................................388
14.1
ATM UTOPIA LEVEL 2 SYSTEM INTERFACE.............................................388
14.2
PACKET OVER SONET/SDH (POS) SYSTEM INTERFACE.........................390
14.3
SECTION AND LINE DATA COMMUNICATION CHANNELS ........................393
15
ABSOLUTE MAXIMUM RATINGS...........................................................................396
16
D.C. CHARACTERISTICS ......................................................................................397
17
MICROPROCESSOR INTERFACE TIMING CHARACTERISTICS ............................400
18
A.C. TIMING CHARACTERISTICS .........................................................................404
18.1
SYSTEM RESET TIMING...........................................................................404
18.2
REFERENCE TIMING................................................................................404
18.3
ATM SYSTEM INTERFACE TIMING ...........................................................405
18.4
POS SYSTEM INTERFACE TIMING ...........................................................409
18.5
LINE AND SECTION DCC TIMING.............................................................414
18.6
TRANSMIT AND RE CEIVE FRAME PULSES..............................................416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com