Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 75Page - PMC-Sierra, Inc PM5351 Datasheet HTML 76Page - PMC-Sierra, Inc PM5351 Datasheet HTML 77Page - PMC-Sierra, Inc PM5351 Datasheet HTML 78Page - PMC-Sierra, Inc PM5351 Datasheet HTML 79Page - PMC-Sierra, Inc PM5351 Datasheet HTML 80Page - PMC-Sierra, Inc PM5351 Datasheet HTML 81Page - PMC-Sierra, Inc PM5351 Datasheet HTML 82Page - PMC-Sierra, Inc PM5351 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
59
The B2 error events counters optionally can be configured to accumulate only
"word" errors. A B2 word error is defined as the occurrence of one or more B2 bit
error events during a frame. The B2 error counter is incremented by one for each
frame in which a B2 word error occurs.
In addition the FEBE events counters optionally can be configured to accumulate
only "word" events. In STS-3c (STM-1) framing a FEBE word event is defined as
the occurrence of one or more FEBE bit events during a frame. The FEBE event
counter is incremented by one for each frame in which a FEBE event occurs.
10.4 The Receive APS, Synchronization Extractor and Bit Error Monitor (RASE)
10.4.1 Automatic Protection Switch Control
The Automatic Protection Switch (APS) control block filters and captures the
receive automatic protection switch channel bytes (K1 and K2) allowing them to
be read via the RASE APS K1 Register and the RASE APS K2 Register. The
bytes are filtered for three frames before being written to these registers. A
protection switching byte failure alarm is declared when twelve successive
frames have been received, where no three consecutive frames contain identical
K1 bytes. The protection switching byte failure alarm is removed upon detection
of three consecutive frames containing identical K1 bytes. The detection of
invalid APS codes is done in software by polling the RASE APS K1 Register and
the RASE APS K2 Register.
10.4.2 Bit Error Rate Monitor
The Bit Error Monitor Block (BERM) calculates the received line BIP-24 error
detection code (B2) based on the line overhead and synchronous payload
envelope of the receive data stream. The line BIP-24 code is a bit interleaved
parity calculation using even parity. Details are provided in the references. The
calculated BIP code is compared with the BIP-24 code extracted from the B2
byte(s) of the following frame. Any differences indicate that a line layer bit error
has occurred. Up to 192000 (24 BIP/frame x 8000 frames/second) bit errors can
be detected per second for STS-3c (STM-1) rate.
The BERM accumulates these line layer bit errors in a 20 bit saturating counter
that can be read via the microprocessor interface. During a read, the counter
value is latched and the counter is reset to 0 (or 1, if there is an outstanding
event). Note, this counter should be polled at least once per second to avoid
saturation which in turn may result in missed bit error events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com