Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 45Page - PMC-Sierra, Inc PM5351 Datasheet HTML 46Page - PMC-Sierra, Inc PM5351 Datasheet HTML 47Page - PMC-Sierra, Inc PM5351 Datasheet HTML 48Page - PMC-Sierra, Inc PM5351 Datasheet HTML 49Page - PMC-Sierra, Inc PM5351 Datasheet HTML 50Page - PMC-Sierra, Inc PM5351 Datasheet HTML 51Page - PMC-Sierra, Inc PM5351 Datasheet HTML 52Page - PMC-Sierra, Inc PM5351 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
29
Pin Name
Type
Pin
No.
Function
TADR[4]
TADR[3]
TADR[2]
TADR[1]
TADR[0]
Input
(POS)
G21
H20
G22
H21
G23
POS-PHY Transmit Write Address (TADR[4:0])
signals.
The TADR[4:0] bus is used to select the FIFO (and
hence port) that is written to using the TENB signal.
In packet level transfer mode, TADR[4:0] is also
used for polling on PTPA.
Note that address 0x1F is the null-PHY address and
cannot be assigned to any port on the
S/UNI-TETRA.
TADR[4:0] is sampled on the rising edge of TFCLK.
TCA
Output
(ATM)
J23
UTOPIA Transmit multi-PHY Cell Available (TCA)
The TCA signal indicates when a cell is available in
the transmit FIFO for the port polled by TADR[4:0]
when TENB is asserted. When high, TCA indicates
that the corresponding transmit FIFO is not full and
a complete cell may be written. When TCA goes
low, it can be configured to indicate either that the
corresponding transmit FIFO is near full or that the
corresponding transmit FIFO is full. TCA will
transition low on the rising edge of TFCLK after the
Payload word 19 (TCALEVEL0=0) or 23
(TCALEVEL0=1) is sampled if the PHY being polled
is the same as the PHY in use. To reduce FIFO
latency, the FIFO depth at which TCA indicates "full"
can be set to one, two, three or four cells. Note that
regardless of what fill level TCA is set to indicate
"full" at, the transmit cell processor can store 4
complete cells.
TCA is tri-stated when either the null-PHY address
(0x1F) or an address not matching the address
space set by PHY_ADR[2:0] is latched from the
TADR[4:0] inputs when TENB is high.
TCA is updated on the rising edge of TFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com