Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 93Page - PMC-Sierra, Inc PM5351 Datasheet HTML 94Page - PMC-Sierra, Inc PM5351 Datasheet HTML 95Page - PMC-Sierra, Inc PM5351 Datasheet HTML 96Page - PMC-Sierra, Inc PM5351 Datasheet HTML 97Page - PMC-Sierra, Inc PM5351 Datasheet HTML 98Page - PMC-Sierra, Inc PM5351 Datasheet HTML 99Page - PMC-Sierra, Inc PM5351 Datasheet HTML 100Page - PMC-Sierra, Inc PM5351 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
77
from path BIP-8 errors detected by the receive path overhead processor, RPOP.
Far end block errors may be inserted under register control for diagnostic
purposes.
10.12 Transmit ATM Cell Processor (TXCP)
The Transmit ATM Cell Processor (TXCP) provides rate adaptation via
idle/unassigned cell insertion, provides HCS generation and insertion, and
performs ATM cell scrambling. The TXCP contains a four cell transmit FIFO. An
idle or unassigned cell is transmitted if a complete ATM cell has not been written
into the FIFO.
10.12.1
Idle/Unassigned Cell Generator
The Idle/Unassigned Cell Generator inserts idle or unassigned cells into the cell
stream when enabled. Registers are provided to program the GFC, PTI, and
CLP fields of the idle cell header and the idle cell payload. The idle cell HCS is
automatically calculated and inserted.
10.12.2
Scrambler
The Scrambler scrambles the 48 octet information field. Scrambling is performed
using a parallel implementation of the self synchronous scrambler (x43 + 1
polynomial) described in the references. The cell headers are transmitted
unscrambled, and the scrambler may optionally be disabled.
10.12.3
HCS Generator
The HCS Generator performs a CRC-8 calculation over the first four header
octets. A parallel implementation of the polynomial, x8+x2+x+1, is used. The
coset polynomial, x6+x4+x2+1, is added (modulo 2) to the residue. The HCS
Generator optionally inserts the result into the fifth octet of the header.
10.13 Transmit POS Frame Processor (TXFP)
The Transmit POS Frame Processor (TXFP) provides rate adaptation by
transmitting flag sequences (0x7E) between packets, provides FCS generation
and insertion, performs packet data scrambling, and provides performance
monitoring functions. The TXFP contains a 256 byte transmit FIFO. This FIFO is
used to separate the STS-3c (STM-1) line timing from the link layer system
timing, and to handle timing differences caused by insertion of escape
characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com