Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 7Page - PMC-Sierra, Inc PM5351 Datasheet HTML 8Page - PMC-Sierra, Inc PM5351 Datasheet HTML 9Page - PMC-Sierra, Inc PM5351 Datasheet HTML 10Page - PMC-Sierra, Inc PM5351 Datasheet HTML 11Page - PMC-Sierra, Inc PM5351 Datasheet HTML 12Page - PMC-Sierra, Inc PM5351 Datasheet HTML 13Page - PMC-Sierra, Inc PM5351 Datasheet HTML 14Page - PMC-Sierra, Inc PM5351 Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
vii
LIST OF REGISTERS
REGISTER 0X00: S/UNI-TETRA MASTER RESET AND IDENTITY ......................................109
REGISTER 0X01: S/UNI-TETRA MASTER CONFIGURATION ............................................. 110
REGISTER 0X02: S/UNI-TETRA MASTER SYSTEM INTERFACE CONTROL...................... 112
REGISTER 0X03: S/UNI-TETRA MASTER CLOCK MONITOR............................................. 114
REGISTER 0X04: S/UNI-TETRA MASTER INTERRUPT STATUS ........................................ 116
REGISTER 0X05: S/UNI-TETRA CHANNEL RESET AND MONITORING UPDATE ............... 118
REGISTER 0X06: S/UNI-TETRA CHANNEL CONFIGURATION........................................... 119
REGISTER 0X07: S/UNI-TETRA CHANNEL CONTROL.......................................................121
REGISTER 0X08: S/UNI-TETRA CHANNEL CONTROL EXTENSION ..................................123
REGISTER 0X0A: S/UNI-TETRA CHANNEL INTERRUPT STATUS #1.................................124
REGISTER 0X0B: S/UNI-TETRA CHANNEL INTERRUPT STATUS #2.................................126
REGISTER 0X0C: CSPI (CLOCK SYNTHESIS) CONTROL AND STATUS ............................128
REGISTER 0X0D: CSPI (CLOCK SYNTHESIS) RESERVED...............................................130
REGISTER 0X0E: CRSI (CLOCK RECOVERY) CONTROL AND STATUS ............................131
REGISTER 0X0F: CRSI (CLOCK RECOVERY) PLL MODE SELECT...................................133
REGISTER 0X10: RSOP CONTROL/INTERRUPT ENABLE.................................................135
REGISTER 0X11: RSOP STATUS/INTERRUPT STATUS .....................................................137
REGISTER 0X12: RSOP SECTION BIP-8 LSB....................................................................139
REGISTER 0X13: RSOP SECTION BIP-8 MSB...................................................................139
REGISTER 0X14: TSOP CONTROL ...................................................................................140
REGISTER 0X15: TSOP DIAGNOSTIC...............................................................................143
REGISTER 0X18: RLOP CONTROL/STATUS .....................................................................144
REGISTER 0X19: RLOP INTERRUPT ENABLE/INTERRUPT STATUS.................................147
REGISTER 0X1A: RLOP LINE BIP-24 LSB .........................................................................149
REGISTER 0X1B: RLOP LINE BIP-24 ................................................................................149
REGISTER 0X1C: RLOP LINE BIP-24 MSB........................................................................150
REGISTER 0X1D: RLOP LINE FEBE LSB ..........................................................................151
REGISTER 0X1E: RLOP LINE FEBE..................................................................................151
REGISTER 0X1F: RLOP LINE FEBE MSB..........................................................................152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com