Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 43 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 43 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 39Page - PMC-Sierra, Inc PM5351 Datasheet HTML 40Page - PMC-Sierra, Inc PM5351 Datasheet HTML 41Page - PMC-Sierra, Inc PM5351 Datasheet HTML 42Page - PMC-Sierra, Inc PM5351 Datasheet HTML 43Page - PMC-Sierra, Inc PM5351 Datasheet HTML 44Page - PMC-Sierra, Inc PM5351 Datasheet HTML 45Page - PMC-Sierra, Inc PM5351 Datasheet HTML 46Page - PMC-Sierra, Inc PM5351 Datasheet HTML 47Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
23
Pin Name
Type
Pin
No.
Function
TFPO
Output
AB11
The Transmit Frame Pulse Output (TFPO) pulses
high for one TCLK cycle every 2430 TCLK cycles
and provides an 8 KHz timing reference. TFPO can
be assigned to any of the four channels using
TFPO_CH[1:0] configuration register bits, with the
restriction that the selected channel must be self-
timed (not in loop-timed or line-loopback modes).
TFPO is updated on the rising edge of TCLK.
9.2
Section and Line Status DCC Signals
Pin Name
Type
Pin
No.
Function
RSD1
RSD2
RSD3
RSD4
Output
AB17
Y16
AA17
AB18
The receive section DCC (RSD) signal contains the
section data communications channel (D1-D3)
This pin is available independently for each
channel.
RSDCLK1
RSDCLK2
RSDCLK3
RSDCLK4
Output
AC20
AA19
AB20
AC21
The receive section DCC clock (RSDCLK) is used
to clock out the section DCC.
RSDCLK is a 192 kHz clock used to update the
RSD output. RSDCLK is generated by gapping a
216 kHz clock.
This pin is available independently for each
channel.
TSD1
TSD2
TSD3
TSD4
Input
AB6
AA7
Y8
AB7
The transmit section DCC (TSD) signal contains the
section data communications channel (D1-D3).
TSD is sampled on the rising edge of TSDCLK.
This pin is available independently for each
channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com