Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 9Page - PMC-Sierra, Inc PM5351 Datasheet HTML 10Page - PMC-Sierra, Inc PM5351 Datasheet HTML 11Page - PMC-Sierra, Inc PM5351 Datasheet HTML 12Page - PMC-Sierra, Inc PM5351 Datasheet HTML 13Page - PMC-Sierra, Inc PM5351 Datasheet HTML 14Page - PMC-Sierra, Inc PM5351 Datasheet HTML 15Page - PMC-Sierra, Inc PM5351 Datasheet HTML 16Page - PMC-Sierra, Inc PM5351 Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
ix
REGISTER 0X45: TPOP ARBITRARY POINTER LSB..........................................................205
REGISTER 0X46: TPOP ARBITRARY POINTER MSB.........................................................206
REGISTER 0X47: TPOP PATH TRACE ...............................................................................207
REGISTER 0X48: TPOP PATH SIGNAL LABEL...................................................................208
REGISTER 0X49: TPOP PATH STATUS .............................................................................209
REGISTER 0X50: SPTB CONTROL ...................................................................................217
REGISTER 0X51: SPTB PATH TRACE IDENTIFIER STATUS ..............................................219
REGISTER 0X52: SPTB INDIRECT ADDRESS REGISTER.................................................221
REGISTER 0X53: SPTB INDIRECT DATA REGISTER.........................................................222
REGISTER 0X54: SPTB EXPECTED PATH SIGNAL LABEL................................................223
REGISTER 0X55: SPTB PATH SIGNAL LABEL STATUS .....................................................224
REGISTER 0X60: RXCP_50 CONFIGURATION 1..............................................................226
REGISTER 0X61: RXCP_50 CONFIGURATION 2..............................................................228
REGISTER 0X62: RXCP_50 FIFO/UTOPIA CONTROL & CONFIG......................................231
REGISTER 0X63: RXCP_50 INTERRUPT ENABLES AND COUNTER STATUS ..................233
REGISTER 0X64: RXCP_50 STATUS/INTERRUPT STATUS ..............................................235
REGISTER 0X65: RXCP_50 LCD COUNT THRESHOLD (MSB) .........................................237
REGISTER 0X66: RXCP_50 LCD COUNT THRESHOLD (LSB) ..........................................237
REGISTER 0X67: RXCP_50 IDLE CELL HEADER PATTERN.............................................239
REGISTER 0X68: RXCP_50 IDLE CELL HEADER MASK...................................................240
REGISTER 0X69: RXCP_50 CORRECTED HCS ERROR COUNT......................................241
REGISTER 0X6A: RXCP_50 UNCORRECTED HCS ERROR COUNT.................................242
REGISTER 0X6B: RXCP_50 RECEIVE CELL COUNTER (LSB)..........................................243
REGISTER 0X6C: RXCP_50 RECEIVE CELL COUNTER...................................................243
REGISTER 0X6D: RXCP_50 RECEIVE CELL COUNTER (MSB)........................................243
REGISTER 0X6E: RXCP_50 IDLE CELL COUNTER (LSB).................................................245
REGISTER 0X6F: RXCP_50 IDLE CELL COUNTER..........................................................245
REGISTER 0X70: RXCP_50 IDLE CELL COUNTER (MSB)................................................246
REGISTER 0X80: TXCP_50 CONFIGURATION 1..............................................................247
REGISTER 0X81: TXCP_50 CONFIGURATION 2..............................................................249
REGISTER 0X82: TXCP_50 CELL COUNT STATUS/CONFIGURATION OPTIONS ..............251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com