Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 72 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 72 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 68Page - PMC-Sierra, Inc PM5351 Datasheet HTML 69Page - PMC-Sierra, Inc PM5351 Datasheet HTML 70Page - PMC-Sierra, Inc PM5351 Datasheet HTML 71Page - PMC-Sierra, Inc PM5351 Datasheet HTML 72Page - PMC-Sierra, Inc PM5351 Datasheet HTML 73Page - PMC-Sierra, Inc PM5351 Datasheet HTML 74Page - PMC-Sierra, Inc PM5351 Datasheet HTML 75Page - PMC-Sierra, Inc PM5351 Datasheet HTML 76Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
52
Pin Name
Type
Pin
No.
Function
AVS
Analog
Ground
F3
A3
D5
H3
K3
K4
T4
N3
P1
W4
AC3
Y5
L2
M3
RAVS1_A - Channel #1 PECL Input Buffer
RAVS1_B - Channel #1 CRU
RAVS1_C - Channel #1 CRU
RAVS2_A - Channel #2 PECL Input Buffer
RAVS2_B - Channel #2 CRU
RAVS2_C - Channel #2 CRU
RAVS3_A - Channel #3 PECL Input Buffer
RAVS3_B - Channel #3 CRU
RAVS3_C - Channel #3 CRU
RAVS4_A - Channel #4 PECL Input Buffer
RAVS4_B - Channel #4 CRU
RAVS4_C - Channel #4 CRU
TAVS1_A - CSU
TAVS1_B - CSU
The analog ground (AVS) pins for the analog core.
AVS should be connected to analog GND.
Notes on Pin Description:
1. All S/UNI-TETRA inputs and bi-directionals present minimum capacitive
loading and operate at TTL logic levels except: the SD, RXD+ and RXD-
inputs which operate at pseudo-ECL (PECL) logic levels
2. The RDAT[15:0], RPRTY, RSOC, REOP, RMOD, RERR, RVAL, DRCA4-1,
RCA/PRPA, DTCA4-1, TCA/PRPA, STPA, TCLK and RCLK1-4 outputs have
a 4 mA DC drive capability. The TDO and INTB outputs have a 1 mA drive
capability. All the other outputs have a 2 mA DC drive capability. The TXD+
and TXD- outputs should be terminated in a passive network and interface at
PECL levels.
3. It is mandatory that every ground pin (VSS) be connected to the printed
circuit board ground plane to ensure a reliable device operation.
4. It is mandatory that every power pin (VDD) be connected to the printed circuit
board power plane to ensure a reliable device operation.
5. All analog power and ground can be sensitive to noise. They must be
isolated from the digital power and ground. Care must be taken to decouple
these pins from each other and all other analog power and ground pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com