Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 5 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 5 Page - PMC-Sierra, Inc

  PM5351 Datasheet HTML 1Page - PMC-Sierra, Inc PM5351 Datasheet HTML 2Page - PMC-Sierra, Inc PM5351 Datasheet HTML 3Page - PMC-Sierra, Inc PM5351 Datasheet HTML 4Page - PMC-Sierra, Inc PM5351 Datasheet HTML 5Page - PMC-Sierra, Inc PM5351 Datasheet HTML 6Page - PMC-Sierra, Inc PM5351 Datasheet HTML 7Page - PMC-Sierra, Inc PM5351 Datasheet HTML 8Page - PMC-Sierra, Inc PM5351 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
i
CONTENTS
1
FEATURES .............................................................................................................. 1
1.1
GENERAL.................................................................................................... 1
1.2
THE SONET RECEIVER............................................................................... 2
1.3
THE RECEIVE ATM PROCESSOR................................................................ 3
1.4
THE RECEIVE POS PROCESSOR ............................................................... 3
1.5
THE SONET TRANSMITTER ........................................................................ 4
1.6
THE TRANSMIT ATM PROCESSOR.............................................................. 4
1.7
THE TRANSMIT POS PROCESSOR ............................................................. 5
2
APPLICATIONS ........................................................................................................ 6
3
REFERENCES ......................................................................................................... 7
4
DEFINITIONS........................................................................................................... 9
5
APPLICATION EXAMPLES ..................................................................................... 12
6
BLOCK DIAGRAM .................................................................................................. 16
7
DESCRIPTION ....................................................................................................... 18
8
PIN DIAGRAM........................................................................................................ 21
9
PIN DESCRIPTION................................................................................................. 23
9.1
LINE SIDE INTERFACE SIGNALS............................................................... 23
9.2
SECTION AND LINE STATUS DCC SIGNALS .............................................. 27
9.3
ATM (UTOPIA) AND PACKET OVER SONET (POS-PHY) SYSTEM
INTERFACE ............................................................................................... 29
9.4
MICROPROCESSOR INTERFACE SIGNALS .............................................. 51
9.5
JTAG TEST ACCESS PORT (TAP) SIGNALS ............................................... 52
9.6
ANALOG SIGNALS..................................................................................... 53
9.7
POWER AND GROUND.............................................................................. 54
10
FUNCTIONAL DESCRIPTION................................................................................. 61
10.1
RECEIVE LINE INTERFACE (CRSI) ............................................................ 61
10.1.1
CLOCK RECOVERY................................................................. 61
10.1.2
SERIAL TO PARALLEL CONVERTER ....................................... 62
10.2
RECEIVE SECTION OVERHEAD PROCESSOR (RSOP)............................. 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com