Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 56Page - PMC-Sierra, Inc PM5351 Datasheet HTML 57Page - PMC-Sierra, Inc PM5351 Datasheet HTML 58Page - PMC-Sierra, Inc PM5351 Datasheet HTML 59Page - PMC-Sierra, Inc PM5351 Datasheet HTML 60Page - PMC-Sierra, Inc PM5351 Datasheet HTML 61Page - PMC-Sierra, Inc PM5351 Datasheet HTML 62Page - PMC-Sierra, Inc PM5351 Datasheet HTML 63Page - PMC-Sierra, Inc PM5351 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
40
Pin Name
Type
Pin
No.
Function
PRPA
Output
(POS)
N20
POS-PHY Polled multi-PHY Receive Packet
Available (PRPA) signal.
PRPA indicates when data is available in the polled
receive FIFO. When PRPA is high, the receive
FIFO has at least one end of packet or a predefined
number of bytes to be read (the number of bytes
might be user programmable). PRPA is low when
the receive FIFO fill level is below the assertion
threshold and the FIFO contains no end of packet.
PRPA allows to poll every PHY while transferring
data from the selected PHY.
PRPA is driven by a PHY layer device when its
address is polled on RADR[4:0]. A PHY layer device
shall tristate PRPA when either the null-PHY
address (0x1F) or an address not matching the
address range set by the PHY_ADR[2:0] register
bits is provided on RADR[4:0].
PRPA is only available in POS-PHY packet-level
transfer mode, as selected by the POS_PLVL
register bit. PRPA is tristated in byte-level transfer
mode. PRPA is updated on the rising edge of
RFCLK.
Note: In some conditions RPA can assert
prematurely. Refer to section 10.15.2.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com