Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 12 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 12 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 8Page - PMC-Sierra, Inc PM5351 Datasheet HTML 9Page - PMC-Sierra, Inc PM5351 Datasheet HTML 10Page - PMC-Sierra, Inc PM5351 Datasheet HTML 11Page - PMC-Sierra, Inc PM5351 Datasheet HTML 12Page - PMC-Sierra, Inc PM5351 Datasheet HTML 13Page - PMC-Sierra, Inc PM5351 Datasheet HTML 14Page - PMC-Sierra, Inc PM5351 Datasheet HTML 15Page - PMC-Sierra, Inc PM5351 Datasheet HTML 16Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
viii
REGISTER 0X20: TLOP CONTROL ...................................................................................153
REGISTER 0X21: TLOP DIAGNOSTIC...............................................................................156
REGISTER 0X22: TLOP TRANSMIT K1..............................................................................157
REGISTER 0X23: TLOP TRANSMIT K2..............................................................................158
REGISTER 0X24: S/UNI-TETRA CHANNEL TRANSMIT SYNC. MESSAGE (S1) ..................159
REGISTER 0X25: S/UNI-TETRA CHANNEL TRANSMIT J0/Z0.............................................160
REGISTER 0X28: SSTB CONTROL ...................................................................................161
REGISTER 0X29: SSTB SECTION TRACE IDENTIFIER STATUS.......................................163
REGISTER 0X2A: SSTB INDIRECT ADDRESS REGISTER.................................................165
REGISTER 0X2B: SSTB INDIRECT DATA REGISTER........................................................166
REGISTER 0X30 (EXTD=0): RPOP STATUS/CONTROL.....................................................170
REGISTER 0X30 (EXTD=1): RPOP STATUS/CONTROL.....................................................172
REGISTER 0X31 (EXTD=0): RPOP INTERRUPT STATUS ..................................................174
REGISTER 0X31 (EXTD=1): RPOP INTERRUPT STATUS ..................................................176
REGISTER 0X32: RPOP POINTER INTERRUPT STATUS...................................................177
REGISTER 0X33 (EXTD=0): RPOP INTERRUPT ENABLE ..................................................179
REGISTER 0X33 (EXTD=1): RPOP INTERRUPT ENABLE .................................................181
REGISTER 0X34: RPOP POINTER INTERRUPT ENABLE ..................................................183
REGISTER 0X35: RPOP POINTER LSB.............................................................................185
REGISTER 0X36: RPOP POINTER MSB AND RDI FILTER CONTROL ................................186
REGISTER 0X37: RPOP PATH SIGNAL LABEL..................................................................188
REGISTER 0X38: RPOP PATH BIP-8 LSB..........................................................................189
REGISTER 0X39: RPOP PATH BIP-8 MSB .........................................................................189
REGISTER 0X3A: RPOP PATH FEBE LSB .........................................................................190
REGISTER 0X3B: RPOP PATH FEBE MSB ........................................................................190
REGISTER 0X3C: RPOP AUXILIARY RDI...........................................................................191
REGISTER 0X3D: RPOP ERROR EVENT CONTROL .........................................................193
REGISTER 0X40: TPOP CONTROL/DIAGNOSTIC .............................................................196
REGISTER 0X41: TPOP POINTER CONTROL ...................................................................199
REGISTER 0X43: TPOP CURRENT POINTER LSB ............................................................203
REGISTER 0X44: TPOP CURRENT POINTER MSB ...........................................................204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com