Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 87Page - PMC-Sierra, Inc PM5351 Datasheet HTML 88Page - PMC-Sierra, Inc PM5351 Datasheet HTML 89Page - PMC-Sierra, Inc PM5351 Datasheet HTML 90Page - PMC-Sierra, Inc PM5351 Datasheet HTML 91Page - PMC-Sierra, Inc PM5351 Datasheet HTML 92Page - PMC-Sierra, Inc PM5351 Datasheet HTML 93Page - PMC-Sierra, Inc PM5351 Datasheet HTML 94Page - PMC-Sierra, Inc PM5351 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
71
checking sequence (FCS) field is either a CRC-CCITT or CRC-32 function. The
CRC-CCITT is two bytes in size and has a generating polynomial g(X) = 1 + X5 +
X12 + X16. The CRC-32 is four bytes in size and has a generating polynomial
g(X) = 1 + X + X2 + X4 + X5 + X7 + X8 + X10 + X11 + X12 + X16 + X22 + X23 + X26
+ X32. The first FCS bit transmitted is the coefficient of the highest term. The
RXFP-50 implements a CRC decoder that uses a CRC encoder. The coder
registers are preset to ones. Then the packet data and CRC are feed in. The
result should be a constant number provided in the HDLC documentation. A
different value indicates an error. Packets with FCS errors are marked as such
and should be discarded by the system.
Figure 8: CRC Decoder
+
D0
+
D1
+
+
gn-1
g2
g1
Message
Dn-1
. . .
10.7.6 Performance Monitor
The Performance Monitor consists of four 16-bit saturating error event counters
and one 24-bit saturating received good packet counter. One of the error event
counters accumulates FCS errors. The second error event counter accumulates
minimum length violation packets. The third error event counter accumulates
maximum length violation packets. The fourth error event counter accumulates
aborted packets. The 24-bit receive good packet counter counts all error free
packets.
Each counter may be read through the microprocessor interface. Circuitry is
provided to latch these counters so that their values can be read while
simultaneously resetting the internal counters to 0 or 1, whichever is appropriate,
so that a new period of accumulation can begin without loss of any events. The
counters are intended to be polled at least once per second so error events will
not be missed.
The RXFP-50 monitors the packets for both minimum and maximum length
errors. When a packet size is smaller than MINPL[7:0], the packet is marked with
an error but still written into the FIFO. Misformed packets, that is packets that do
not at least contain the FCS field plus one byte, are treated differently. If a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com