Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 67Page - PMC-Sierra, Inc PM5351 Datasheet HTML 68Page - PMC-Sierra, Inc PM5351 Datasheet HTML 69Page - PMC-Sierra, Inc PM5351 Datasheet HTML 70Page - PMC-Sierra, Inc PM5351 Datasheet HTML 71Page - PMC-Sierra, Inc PM5351 Datasheet HTML 72Page - PMC-Sierra, Inc PM5351 Datasheet HTML 73Page - PMC-Sierra, Inc PM5351 Datasheet HTML 74Page - PMC-Sierra, Inc PM5351 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
51
Pin Name
Type
Pin
No.
Function
QAVD
Analog
Power
AA6
C6
QAVD1
QAVD2
The quiet analog power (QAVD) pins for the analog
core. QAVD should be connected to analog +3.3V
through a 100
Ω resistor to avoid latchup during
power-up.
QAVS
Analog
Ground
AB5
B5
QAVS1
QAVS2
The quiet analog ground (QAVS) pins for the analog
core. QAVS should be connected to analog GND.
AVD
Analog
Power
G4
A4
C4
H2
L4
J1
U2
M2
N4
Y3
AC4
AA4
L3
L1
RAVD1_A - Channel #1 PECL Input Buffer
RAVD1_B - Channel #1 CRU
RAVD1_C - Channel #1 CRU
RAVD2_A - Channel #2 PECL Input Buffer
RAVD2_B - Channel #2 CRU
RAVD2_C - Channel #2 CRU
RAVD3_A - Channel #3 PECL Input Buffer
RAVD3_B - Channel #3 CRU
RAVD3_C - Channel #3 CRU
RAVD4_A - Channel #4 PECL Input Buffer
RAVD4_B - Channel #4 CRU
RAVD4_C - Channel #4 CRU
TAVD1_A - CSU
TAVD1_B - CSU
The analog power (AVD) pins for the analog core.
AVD should be connected to analog +3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com