Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 63Page - PMC-Sierra, Inc PM5351 Datasheet HTML 64Page - PMC-Sierra, Inc PM5351 Datasheet HTML 65Page - PMC-Sierra, Inc PM5351 Datasheet HTML 66Page - PMC-Sierra, Inc PM5351 Datasheet HTML 67Page - PMC-Sierra, Inc PM5351 Datasheet HTML 68Page - PMC-Sierra, Inc PM5351 Datasheet HTML 69Page - PMC-Sierra, Inc PM5351 Datasheet HTML 70Page - PMC-Sierra, Inc PM5351 Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
47
Pin Name
Type
Pin
No.
Function
TMS
Input
pull-up
B9
The test mode select (TMS) signal controls the test
operations that are carried out using the IEEE
P1149.1 test access port. TMS is sampled on the
rising edge of TCK. TMS has an integral pull-up
resistor.
TDI
Input
pull-up
D10
The test data input (TDI) signal carries test data into
the S/UNI-TETRA via the IEEE P1149.1 test access
port. TDI is sampled on the rising edge of TCK.
TDI has an integral pull-up resistor.
TDO
Tristate
A9
The test data output (TDO) signal carries test data
out of the S/UNI-TETRA via the IEEE P1149.1 test
access port. TDO is updated on the falling edge of
TCK. TDO is a tristate output which is inactive
except when scanning of data is in progress.
TRSTB
Input
pull-up
C9
The active-low test reset (TRSTB) signal provides
an asynchronous S/UNI-TETRA test access port
reset via the IEEE P1149.1 test access port.
TRSTB is a Schmitt triggered input with an integral
pull-up resistor.
Note that when not being used, TRSTB must be
connected to the RSTB input.
9.6
Analog Signals
Pin Name
Type
Pin
No.
Function
CP1
CN1
CP2
CN2
CP3
CN3
CP4
CN4
Analog
B4
C5
K2
K1
N2
N1
AB4
AA5
The analog CP and CN pins are provided for
applications that must meet SONET/SDH jitter
transfer specifications. A 220 nF X7R 10% ceramic
capacitor can be attached across CP and CN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com