Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 330 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 330 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 326Page - PMC-Sierra, Inc PM7347 Datasheet HTML 327Page - PMC-Sierra, Inc PM7347 Datasheet HTML 328Page - PMC-Sierra, Inc PM7347 Datasheet HTML 329Page - PMC-Sierra, Inc PM7347 Datasheet HTML 330Page - PMC-Sierra, Inc PM7347 Datasheet HTML 331Page - PMC-Sierra, Inc PM7347 Datasheet HTML 332Page - PMC-Sierra, Inc PM7347 Datasheet HTML 333Page - PMC-Sierra, Inc PM7347 Datasheet HTML 334Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
330
Document ID: PMC-1990267, Issue 3
Symbol
Description
Min
Typ
Max
Units
tSTPOH
TPOH to TPOHCLK Set-Up Time
20
ns
tHTPOH
TPOH to TPOHCLK Hold Time
20
ns
tSTPOHIN
TPOHINS to TPOHCLK Set-Up Time
20
ns
tHTPOHIN
TPOHINS to TPOHCLK Hold Time
20
ns
tPTPOHFP
TPOHCLK to TPOHFP Prop Delay
-15
20
ns
tPTPOS
TCLK Edge to TPOS/TDATO Prop Delay
-1
4.5
ns
tPTNEG
TCLK Edge to TNEG/TOHM Prop Delay
-1
4.5
ns
tPTPOS2
TICLK High to TPOS/TDATO Prop Delay
2
13
ns
TPTNEG2
TICLK High to TNEG/TOHM Prop Delay
2
13
ns
Figure 80 Transmit Interface Timing
tS TIOHM
tH TIOHM
TIOHM/TFPI/TMFPI
TICLK/RCLK
tH LTIOHM
tS LTIOHM
tS LTDATI
tH TDATI
TDATI
tH LTDATI
tS TDATI
TICLK/RCLK
tPTFPO
TFPO/TMFPO
TICLK / RCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com