Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 334 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 334 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 330Page - PMC-Sierra, Inc PM7347 Datasheet HTML 331Page - PMC-Sierra, Inc PM7347 Datasheet HTML 332Page - PMC-Sierra, Inc PM7347 Datasheet HTML 333Page - PMC-Sierra, Inc PM7347 Datasheet HTML 334Page - PMC-Sierra, Inc PM7347 Datasheet HTML 335Page - PMC-Sierra, Inc PM7347 Datasheet HTML 336Page - PMC-Sierra, Inc PM7347 Datasheet HTML 337Page - PMC-Sierra, Inc PM7347 Datasheet HTML 338Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
334
Document ID: PMC-1990267, Issue 3
Table 54 Receive Interface Timing (Figure 81)
Symbol
Description
Min
Max
Units
FRCLK
RCLK Frequency:
DS3 Framer (RFRM[1:0] = 00)
52
MHz
E3 Framer (RFRM[1:0] = 01)
35
J2 Framer (RFRM[1:0] = 10)
7
framer bypass (RFRM[1:0] = 11)
52
MHz
t0RCLK
RCLK minimum pulse width low:
DS3 Framer (RFRM[1:0] = 00)
7.7
ns
E3 Framer (RFRM[1:0] = 01)
11
J2 Framer (RFRM[1:0] = 10)
57
framer bypass (RFRM[1:0] = 11)
7.7
t1RCLK
RCLK minimum pulse width high:
DS3 Framer (RFRM[1:0] = 00)
7.7
ns
E3 Framer (RFRM[1:0] = 01)
11
J2 Framer (RFRM[1:0] = 10)
57
framer bypass (RFRM[1:0] = 11)
7.7
tSRPOS
RPOS/RDATI Set-up Time
4
ns
tHRPOS
RPOS/RDATI Hold Time
1
ns
tSRNEG
RNEG/ROHM Set-Up Time
4
ns
tHRNEG
RNEG/ROHM Hold Time
1
ns
tPRRDATO
RSCLK/RGAPCLK rising edge to RDATO Prop
Delay
213
ns
tPRRFPO
RSCLK rising edge to RFPO/RMFPO Prop Delay
1
13
ns
tPRROVRHD
RSCLK rising edge to ROVRHD Prop Delay
1
13
ns
tPFRDATO
RSCLK/RGAPCLK falling edge to RDATO Prop
Delay
-2
10
ns
tPFRFPO
RSCLK falling edge to RFPO/RMFPO Prop Delay
-2
10
ns
tPFROVRHD
RSCLK falling edge to ROVRHD Prop Delay
-2
10
ns
tPROH
ROHCLK Low to ROH Prop Delay
-15
20
ns
tPROHFP
ROHCLK Low to ROHFP Prop Delay
-15
20
ns
tPRPOH
RPOHCLK Low to RPOH Prop Delay
-15
20
ns
tPRPOHFP
RPOHCLK Low to RPOHFP Prop Delay
-15
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com