Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 337 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 337 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 333Page - PMC-Sierra, Inc PM7347 Datasheet HTML 334Page - PMC-Sierra, Inc PM7347 Datasheet HTML 335Page - PMC-Sierra, Inc PM7347 Datasheet HTML 336Page - PMC-Sierra, Inc PM7347 Datasheet HTML 337Page - PMC-Sierra, Inc PM7347 Datasheet HTML 338Page - PMC-Sierra, Inc PM7347 Datasheet HTML 339Page - PMC-Sierra, Inc PM7347 Datasheet HTML 340Page - PMC-Sierra, Inc PM7347 Datasheet HTML 341Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 337 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
337
Document ID: PMC-1990267, Issue 3
Figure 82 JTAG Port Interface Timing
tSTMS
tHTMS
TMS
TCK
tSTDI
tHTDI
TDI
tP TDO
TDO
TCK
TCK
t0
TCK
t1
TRSTB
tVTRSTB
Notes (on Input Timing)
1.
When a set-up time is specified between an input and a clock, the set-up time is the time in
nanoseconds from the 1.4 Volt point of the input to the 1.4 Volt point of the clock.
2.
When a hold time is specified between an input and a clock, the hold time is the time in nanoseconds
from the 1.4 Volt point of the clock to the 1.4 Volt point of the input.
3.
It is recommended that the load on TGAPCLK[x] be kept less than 50pF. A larger load on these pins
may result in functional failures.
4.
This parameter is guaranteed by design. No production tests are done on this parameter.
5.
High pulse width is measured from the 1.4 Volt points of the rise and fall ramps. Low pulse width is
measured from the 1.4 Volt points of the fall and rise ramps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com