Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 340 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 340 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 333Page - PMC-Sierra, Inc PM7347 Datasheet HTML 334Page - PMC-Sierra, Inc PM7347 Datasheet HTML 335Page - PMC-Sierra, Inc PM7347 Datasheet HTML 336Page - PMC-Sierra, Inc PM7347 Datasheet HTML 337Page - PMC-Sierra, Inc PM7347 Datasheet HTML 338Page - PMC-Sierra, Inc PM7347 Datasheet HTML 339Page - PMC-Sierra, Inc PM7347 Datasheet HTML 340Page - PMC-Sierra, Inc PM7347 Datasheet HTML 341Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 340 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
340
Document ID: PMC-1990267, Issue 3
20
Mechanical Information
DIE SIDE
BOTTOM VIEW
A
L
A
e
P
V
U
N
M
10
15
14
13
12
11
e
b
CORNER
A1 BALL
1
9
8
7
6
5
4
3
2
E
H
K
J
G
F
B
D
C
A
D1, M
1
16
17
18
19
20
R
T
W
E1, N
0.90
0.60
27 x 27 x 1.45 MM
PACKAGE TYPE:
Max.
Nom.
1.58
Min.
Dim.
1.32
A
BODY SIZE:
256 PIN THERMAL BALL GRID ARRAY
0.70
0.88
0.82
27.10
27.00
24.23
24.13
0.56
A1
0.76
A2
26.90
D
24.03
D1
1.27
EE1
M,N
e
0.15
aaa
b
1.45
0.63
26.90
27.00
27.10
24.03
24.13
24.23
20x20
0.75
0.30
0.20
0.50
0.15
0.35
ccc
bbb
ddd
0.20
P
0.33
0.15
3) DIMENSION bbb DENOTES PARALLEL
4) DIMENSION ccc DENOTES FLATNESS
2) DIMENSION aaa DENOTES COPLANARITY
Notes: 1) ALL DIMENSIONS IN MILLIMETER.
A-A SECTION VIEW
ddd
P
TOP VIEW
0.127 A
0.127
A
D
E
-B-
-A-
.30
A1 BALL
A1 BALL I.D.
INK MARK
A
C A S
S
B
A
SIDE VIEW
A1
A2
SEATING PLANE
aaa
bbb
-C-
C
ccc
Y
CORNER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com